công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F52105BDFN bảng dữ liệu(PDF) 89 Page - Renesas Technology Corp

tên linh kiện R5F52105BDFN
Giải thích chi tiết về linh kiện  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52105BDFN bảng dữ liệu(HTML) 89 Page - Renesas Technology Corp

Back Button R5F52105BDFN Datasheet HTML 85Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 86Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 87Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 88Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 89Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 90Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 91Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 92Page - Renesas Technology Corp R5F52105BDFN Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 223 page
background image
R01DS0041EJ0150 Rev.1.50
Page 89 of 221
Oct 18, 2013
RX210 Group
5. Electrical Characteristics
[Chip version A]
Note 1. Supply current values do not include output charge/discharge current from all pins. The values apply when internal pull-up MOSs
are in the off state.
Note 2. Clock supply to the peripheral functions is stopped. This does not include BGO operation. The clock source is PLL and the VCO
oscillation frequency is 100 MHz. BCLK, FCLK, and PCLK are set to divided by 64.
Note 3. Clocks are supplied to the peripheral functions. This does not include BGO operation. The clock source is PLL and the VCO
oscillation frequency is 100 MHz. BCLK, FCLK, and PCLK are ICLK divided by 2.
Note 4. This is the increase if data is programmed to or erasing from the ROM or E2 DataFlash during program execution.
Table 5.4
DC Characteristics (3)
Conditions: VCC = AVCC0 = 1.62 to 5.5 V, VSS = AVSS0 = VREFL = VREFL0 = 0 V, Ta = –40 to +105°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Input leakage
current
RES#, MD pin, P35/NMI
I
in
——
1.0
µA
Vin = 0 V, VCC
Three-state
leakage current
(off-state)
Port 4
I
TSI
——
1.0
µA
Vin = 0 V, VCC
Other pins except for ports for 5 V
tolerant and port 4
——
0.2
Ports for 5 V tolerant
—
—
1.0
Vin = 0 V, 5.8 V
Input capacitance
All input pins
(except for ports 12, 13, 16, 17, 4, A1,
A3, A4, and E)
Cin
—
—
15
pF
Vin = 0 V,
f = 1 MHz,
Ta = 25°C
Ports 12, 13, 16, 17, 4, A1, A3, A4, and E
—
—
30
Table 5.5
DC Characteristics (4)
Conditions:
VCC = AVCC0 = 1.62 to 5.5 V, VSS = AVSS0 = VREFL = VREFL0 = 0 V, Ta = –40 to +105°C
Item
Symbol
VCC
Unit
Test Conditions
1.62 to 2.7 V
2.7 to 4.0 V
4.0 to 5.5 V
Min.
Max.
Min.
Max.
Min.
Max.
Input pull-up MOS
current
All ports
(except for port 35)
Ip
–150
–5
–200
–10
–400
–50
µA
Vin = 0 V
Table 5.6
DC Characteristics (5)
Conditions: VCC = AVCC0 = 2.7 to 5.5 V, VSS = AVSS0 = VREFL = VREFL0 = 0 V, Ta = –40 to +105°C
Item
Symbol
Typ.
Max.
Unit
Test
Conditions
Supply
current*1
High-speed
operating mode
Normal operating
mode
No peripheral
operation*2
ICLK = 50 MHz
ICC
10
—
mA
All peripheral
operation:
Normal*3
ICLK = 50 MHz
31.5
—
All peripheral
operation:
Max.*3
ICLK = 50 MHz
—
55
Sleep mode
No peripheral
operation
ICLK = 50 MHz
7.5
—
All peripheral
operation:
Normal
ICLK = 50 MHz
17.5
—
All-module clock stop mode
ICLK = 50 MHz
6.7
—
Increase during BGO operation*4
25
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com