| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R5F52105BDFN bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F52105BDFN bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp |
|
80 / 223 page ![]() R01DS0041EJ0150 Rev.1.50 Page 80 of 221 Oct 18, 2013 RX210 Group 4. I/O Registers 0008 C042h PORT2 Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C043h PORT3 Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C044h PORT4 Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C045h PORT5 Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C046h PORT6 Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C047h PORT7 Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C048h PORT8 Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C049h PORT9 Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C04Ah PORTA Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing 0008 C04Bh PORTB Port input data register PIDR 8 8 3 or 4 PCLKB cycles when reading, 2 or 3 PCLKB cycles when writing 3 ICLK cycles when reading, 2 ICLK cycles when writing Table 4.1 List of I/O Registers (Address Order) (23 / 29) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access Cycles ICLK PCLK ICLK < PCLK |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |