| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RA4M1 bảng dữ liệu(PDF) 15 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M1 bảng dữ liệu(HTML) 15 Page - Renesas Technology Corp |
|
15 / 130 page ![]() R01DS0355EJ0100 Rev.1.00 Page 15 of 130 Oct 8, 2019 RA4M1 Group 1. Overview I/O ports P000 to P008, P010 to P015 I/O General-purpose input/output pins P100 to P115 I/O General-purpose input/output pins P200 Input General-purpose input pin P201 to P206, P212, P213 I/O General-purpose input/output pins P214, P215 Input General-purpose input pins P300 to P307 I/O General-purpose input/output pins P400 to P415 I/O General-purpose input/output pins P500 to P505 I/O General-purpose input/output pins P600 to P603, P608 to P610 I/O General-purpose input/output pins P708 I/O General-purpose input/output pins P808, P809 I/O General-purpose input/output pins P914, P915 I/O General-purpose input/output pins SLCDC VL1, VL2, VL3, VL4 I/O Voltage pin for driving the LCD CAPH, CAPL I/O Capacitor connection pin for the LCD controller/driver COM0 to COM7 Output Common signal output pins for the LCD controller/driver SEG00 to SEG37 Output Segment signal output pins for the LCD controller/driver Table 1.14 Pin functions (4 of 4) Function Signal I/O Description |