| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RA4M1 bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M1 bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp |
|
46 / 130 page ![]() R01DS0355EJ0100 Rev.1.00 Page 46 of 130 Oct 8, 2019 RA4M1 Group 2. Electrical Characteristics Figure 2.17 Voltage dependency in high-speed operating mode (reference data) 0 5 10 15 20 25 30 35 40 1.5 2 .0 2. 5 3 . 0 3. 5 4 . 0 4 . 5 5 .0 5 .5 6 .0 VC C ( V) Ta = 1 0 5 C Ta = 1 0 5 C Ta = 1 0 5 C , IC L K = 4 8 M H z , IC L K = 8 M H z , I C L K = 4 8 M H z * 1 T a = 2 5 C , I C L K = 3 2 M H z * 1 T a = 2 5 C , I C L K = 16 M H z * 1 Ta = 2 5 C Ta = 2 5 C , I C L K = 4 M H z * 1 T a = 2 5 C T a = 2 5 C *1 , IC L K = 3 2 M H z Ta = 2 5 C T a = 1 0 5 C , IC L K = 1 6 M H z *2 , IC L K = 4 8 M H z *2 T a = 1 0 5 C , IC L K = 3 2 M H z *2 T a = 1 0 5 C T a = 1 0 5 C *2 T a = 1 0 5 C *1 , IC L K = 1 6 M H z *1 Ta = 2 5 C , IC L K = 4 M H z *2 , IC L K = 8 M H z *1 T a = 2 5 C , IC L K = 4 M H z *1 T a = 2 5 C , IC L K = 4 8 M H z * 2 , IC L K = 3 2 M H z * 2 , IC L K = 1 6 M H z * 2 , IC L K = 8 M H z * 2 , IC L K = 4 M H z * 2 Ta = 1 0 5 C T a = 1 0 5 C , IC L K = 8 M H z * 1 Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper limit samples during product evaluation. |