| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM6DSR bảng dữ liệu(PDF) 99 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSR bảng dữ liệu(HTML) 99 Page - STMicroelectronics |
|
99 / 168 page ![]() 11.11 FSM_INT2_A (0Fh) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried over INT2. The pin's output will supply the OR combination of the selected signals. Table 198. FSM_INT2_A register INT2_FSM8 INT2_FSM7 INT2_FSM6 INT2_FSM5 INT2_FSM4 INT2_FSM3 INT2_FSM2 INT2_FSM1 Table 199. FSM_INT2_A register description INT2_FSM8(1) Routing of FSM8 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM7(1) Routing of FSM7 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM6(1) Routing of FSM6 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM5(1) Routing of FSM5 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM4(1) Routing of FSM4 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM3(1) Routing of FSM3 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) (0: routing on INT1 disabled; 1: routing on INT1 enabled) INT2_FSM2(1) Routing of FSM2 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_FSM1(1) Routing of FSM1 interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSR FSM_INT2_A (0Fh) DS11976 - Rev 2 page 99/168 |