công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT2004AFVLLPNT bảng dữ liệu(PDF) 11 Page - NXP Semiconductors

tên linh kiện PWCT2004AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2004AFVLLPNT bảng dữ liệu(HTML) 11 Page - NXP Semiconductors

Back Button PWCT2004AFVLLPNT Datasheet HTML 7Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 8Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 9Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 10Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 11Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 12Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 13Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 14Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
5. VREFH should always be equal to or less than VDDA + 0.1 V and VDD + 0.1 V
6. Open drain outputs must be pulled to VDD.
7. When input pad voltage levels are close to VDD or VSS, practically no current injection is possible.
4.3 Thermal operating characteristics
Table 3. Thermal operating characteristics for 64-pin LQFP and 100-pin LQFP and MAPBGA
packages
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
TA C-Grade Part
Ambient temperature under bias
−40
—
851
℃
TJ C-Grade Part
Junction temperature under bias
−40
—
1051
℃
TA V-Grade Part
Ambient temperature under bias
−40
—
1051
℃
TJ V-Grade Part
Junction temperature under bias
−40
—
1251
℃
TA M-Grade Part
Ambient temperature under bias
−40
—
1252
℃
TJ M-Grade Part
Junction temperature under bias
−40
—
1352
℃
1. Values mentioned are measured at ≤ 112 MHz in HSRUN mode.
2. Values mentioned are measured at ≤ 80 MHz in RUN mode.
4.4 Power and ground pins
VDD
VDDA
VREFH
VREFL
VSSA/VSS
VDD
VSS
100 LQFP
Package
CDEC
CDEC
144 LQFP
Package
CDEC
CDEC
VDD
VSS
CDEC
VDD
VDDA
VREFH
VREFL
VSS
VDD
VSS
VSSA/VSS
VDD
VSS
VDDA
VREFH
VREFL/VSSA/VSS
64 LQFP
Package
VDD
NOTE: VDD and VDDA must be shorted to a common source on PCB
Figure 4. Pinout decoupling
Table 4. Supplies decoupling capacitors 1, 2
Symbol
Description
Min. 3
Typ.
Max.
Unit
CREF, 4, 5
ADC reference high decoupling capacitance
70
100
—
nF
Table continues on the next page...
General
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com