công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT2004AFVLLPNT bảng dữ liệu(PDF) 38 Page - NXP Semiconductors

tên linh kiện PWCT2004AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2004AFVLLPNT bảng dữ liệu(HTML) 38 Page - NXP Semiconductors

Back Button PWCT2004AFVLLPNT Datasheet HTML 34Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 35Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 36Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 37Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 38Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 39Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 40Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 41Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 65 page
background image
Table 26. 12-bit ADC characteristics (3 V to 5.5 V)(VREFH = VDDA, VREFL = VSS)
Symbol
Description
Conditions 1
Min.
Typ.2
Max.
Unit
Notes
VDDA
Supply voltage
3
—
5.5
V
IDDA_ADC Supply current per ADC
—
1
—
mA
3
SMPLTS Sample Time
275
—
Refer to
the
Reference
Manual
ns
TUE4
Total unadjusted error
—
±4
±8
LSB5
6, 7, 8, 9
DNL
Differential non-linearity
—
±0.7
—
LSB5
6, 7, 8, 9
INL
Integral non-linearity
—
±1.0
—
LSB5
6, 7, 8, 9
1. All accuracy numbers assume the ADC is calibrated with VREFH=VDDA=VDD, with the calibration frequency set to less than
or equal to half of the maximum specified ADC clock frequency.
2. Typical values assume VDDA = 5.0 V, Temp = 25 °C, fADCK = 40 MHz, RAS=20 Ω, and CAS=10 nF unless otherwise stated.
3. The ADC supply current depends on the ADC conversion rate.
4. Represents total static error, which includes offset and full scale error.
5. 1 LSB = (VREFH - VREFL)/2N
6. The specifications are with averaging and in standalone mode only. Performance may degrade depending upon device
use case scenario. When using ADC averaging, refer to the Reference Manual to determine the most appropriate settings
for AVGS.
7. For ADC signals adjacent to VDD/VSS or XTAL/EXTAL or high frequency switching pins, some degradation in the ADC
performance may be observed.
8. All values guarantee the performance of the ADC for multiple ADC input channel pins. When using ADC to monitor the
internal analog parameters, assume minor degradation.
9. All the parameters in the table are given assuming system clock as the clocking source for ADC.
NOTE
• Due to triple bonding in lower pin packages like the 64-
LQFP, degradation might be seen in ADC parameters.
• When using high speed interfaces such as the QuadSPI,
there may be some ADC degradation on the adjacent
analog input paths. See following table for details.
Pin name
TGATE purpose
PTE8
CMP0_IN3
PTC3
ADC0_SE11/CMP0_IN4
PTC2
ADC0_SE10/CMP0_IN5
PTD7
CMP0_IN6
PTD6
CMP0_IN7
PTD28
ADC1_SE22
PTD27
ADC1_SE21
ADC electrical specifications
MWCT101XS Data Sheet, Rev. 3, 12/2019
38
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com