công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT2004AFVLLPNT bảng dữ liệu(PDF) 27 Page - NXP Semiconductors

tên linh kiện PWCT2004AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2004AFVLLPNT bảng dữ liệu(HTML) 27 Page - NXP Semiconductors

Back Button PWCT2004AFVLLPNT Datasheet HTML 23Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 24Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 25Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 26Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 27Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 28Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 29Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 30Page - NXP Semiconductors PWCT2004AFVLLPNT Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 65 page
background image
6.2.4 Low Power Oscillator (LPO) electrical specifications
Table 19. Low Power Oscillator (LPO) electrical specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
FLPO
Internal low power oscillator frequency
113
128
139
kHz
Tstartup
Startup Time
—
—
20
µs
6.2.5 SPLL electrical specifications
Table 20. SPLL electrical specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
FSPLL_REF1 PLL Reference Frequency Range
8
—
16
MHz
FSPLL_Input2 PLL Input Frequency
8
—
40
MHz
FVCO_CLK
VCO output frequency
180
—
320
MHz
FSPLL_CLK
PLL output frequency
90
—
160
MHz
JCYC_SPLL
PLL Period Jitter (RMS)3
at FVCO_CLK 180 MHz
—
120
—
ps
at FVCO_CLK 320 MHz
—
75
—
ps
JACC_SPLL
PLL accumulated jitter over 1µs (RMS)3
at FVCO_CLK 180 MHz
—
1350
—
ps
at FVCO_CLK 320 MHz
—
600
—
ps
DUNL
Lock exit frequency tolerance
± 4.47
—
± 5.97
%
TSPLL_LOCK Lock detector detection time4
—
—
150 × 10-6 +
1075(1/FSPLL_REF)
s
1. FSPLL_REF is PLL reference frequency range after the PREDIV. For PREDIV and MULT settings refer SCG_SPLLCFG
register of Reference Manual.
2. FSPLL_Input is PLL input frequency range before the PREDIV must be limited to the range 8 MHz to 40 MHz. This input
source could be derived from a crystal oscillator or some other external square wave clock source using OSC bypass
mode. For external clock source settings refer SCG_SOSCCFG register of Reference Manual.
3. This specification was obtained using a NXP developed PCB. PLL jitter is dependent on the noise characteristics of each
PCB and results will vary
4. Lock detector detection time is defined as the time between PLL enablement and clock availability for system use.
Memory and memory interfaces
6.3.1 Flash memory module (FTFC) electrical specifications
This section describes the electrical characteristics of the flash memory module.
6.3
Memory and memory interfaces
MWCT101XS Data Sheet, Rev. 3, 12/2019
NXP Semiconductors
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com