công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL072CDG4 bảng dữ liệu(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TL072CDG4
Giải thích chi tiết về linh kiện  TL07xx Low-Noise FET-Input Operational Amplifiers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TL072CDG4 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TL072CDG4 Datasheet HTML 18Page - Texas Instruments TL072CDG4 Datasheet HTML 19Page - Texas Instruments TL072CDG4 Datasheet HTML 20Page - Texas Instruments TL072CDG4 Datasheet HTML 21Page - Texas Instruments TL072CDG4 Datasheet HTML 22Page - Texas Instruments TL072CDG4 Datasheet HTML 23Page - Texas Instruments TL072CDG4 Datasheet HTML 24Page - Texas Instruments TL072CDG4 Datasheet HTML 25Page - Texas Instruments TL072CDG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
6.23 Electrical Characteristics: TL071M, TL072M
VCC± = ±15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS (1) (2)
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VO = 0
RS = 50 Ω
TA = 25°C
3
6
mV
TA = Full range
9
αVIO
Temperature coefficient
of input offset voltage
VO = 0
RS = 50 Ω
TA = Full range
18
μV/°C
IIO
Input offset current
VO = 0
TA = 25°C
5
100
pA
TA = Full range
20
nA
IIB
Input bias current
VO = 0
TA = 25°C
65
200
pA
TA = Full range
50
nA
VICR
Common-mode input
voltage range
TA = 25°C
±11 –12 to 15
V
VOM
Maximum peak output
voltage swing
RL = 10 kΩ
TA = 25°C
±12
±13.5
V
RL ≥ 10 kΩ
TA = Full range
±12
RL ≥ 2 kΩ
±10
AVD
Large-signal differential
voltage amplification
VO = ±10 V
RL ≥ 2 kΩ
TA = 25°C
35
200
V/mV
TA = Full range
15
B1
Unity-gain bandwidth
3
MHz
ri
Input resistance
1012
Ω
CMRR
Common-mode rejection
ratio
VIC = VICR(min),
VO = 0
RS = 50 Ω
TA = 25°C
80
86
dB
kSVR
Supply-voltage rejection
ratio (ΔVCC±/ΔVIO)
VCC = ±9 V to ±15 V
VO = 0
RS = 50 Ω
TA = 25°C
80
86
dB
ICC
Supply current
(each amplifier)
VO = 0; no load
TA = 25°C
1.4
2.5
mA
VO1 / VO2
Crosstalk attenuation
AVD = 100
TA = 25°C
120
dB
(1)
Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as
shown in Figure 6-40. Pulse techniques that maintain the junction temperature as close to the ambient temperature as possible must
be used.
(2)
All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. Full range is
TA = –55°C to +125°C.
TL071, TL071H, TL071A, TL071B
TL072, TL072H, TL072A, TL072B, TL074, TL074H, TL074A, TL074B, TL072M, TL074M
SLOS080P – SEPTEMBER 1978 – REVISED NOVEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TL071 TL071H TL071A TL071B TL072 TL072H TL072A TL072B TL074 TL074H TL074A
TL074B TL072M TL074M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com