| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8545ATT bảng dữ liệu(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT bảng dữ liệu(HTML) 45 Page - NXP Semiconductors |
|
45 / 54 page ![]() PCA85233 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 5 — 12 November 2018 45 of 54 NXP Semiconductors PCA85233 Automotive 80 × 4 LCD driver for low multiplex rates Table 27. Specification of 3 inch tray details Tray details are shown in Figure 29. Nominal values without production tolerances. Tray details Dimensions A B CDE F G HJ K L M N O Unit 6.0 2.5 4.26 1.17 76.0 68.0 60.0 6.75 8.0 62.5 4.2 2.6 3.2 0.48 mm Number of pockets x direction y direction 11 26 The orientation of the IC in a pocket with active side up is indicated by the position of pin 1 with respect to the chamfer on the upper left corner of the tray. Fig 30. Die alignment in the tray |