| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8545ATT bảng dữ liệu(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT bảng dữ liệu(HTML) 2 Page - NXP Semiconductors |
|
2 / 54 page ![]() PCA85233 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. Product data sheet Rev. 5 — 12 November 2018 2 of 54 NXP Semiconductors PCA85233 Automotive 80 × 4 LCD driver for low multiplex rates No external components needed Compatible with Chip-On-Glass (COG) technology 3. Ordering information 3.1 Ordering options [1] Bump hardness see Table 25. 4. Marking [1] The rear side marking has the following meaning: XXXXXX.XX — Production and lot information WW — wafer number Table 1. Ordering information Type number Package Name Description Version PCA85233UG bare die 110 bumps PCA85233 Table 2. Ordering options Product type number Orderable part number Sales item (12NC) Delivery form IC revision PCA85233UG/2DA/Q1 PCA85233UG/2DA/Q1Z 935302508033 chip with hard bumps in tray[1] 1 Table 3. Marking codes Type number Marking code PCA85233UG/2DA/Q1 on the rear side of the die Line A: PCA85233UG Line B: XXXXXX.XX WW[1] Fig 1. Rear side laser marking |