công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP21486KSWZ3ABRL bảng dữ liệu(PDF) 55 Page - Analog Devices

tên linh kiện ADSP21486KSWZ3ABRL
Giải thích chi tiết về linh kiện  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP21486KSWZ3ABRL bảng dữ liệu(HTML) 55 Page - Analog Devices

Back Button ADSP21486KSWZ3ABRL Datasheet HTML 51Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 52Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 53Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 54Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 55Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 56Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 57Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 58Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Rev. H
|
Page 55 of 71
|
February 2020
OUTPUT DRIVE CURRENTS
Figure 40 shows typical I-V characteristics for the output driv-
ers of the ADSP-2148x, and Table 54 shows the pins associated
with each driver. The curves represent the current drive capabil-
ity of the output drivers as a function of output voltage.
TEST CONDITIONS
The ac signal specifications (timing parameters) appear in
Table 20 on Page 26 through Table 53 on Page 54. These include
output disable time, output enable time, and capacitive loading.
The timing specifications for the SHARC apply for the voltage
reference levels in Figure 41.
Timing is measured on signals when they cross the 1.5 V level as
described in Figure 42. All delays (in nanoseconds) are mea-
sured between the point that the first signal reaches 1.5 V and
the point that the second signal reaches 1.5 V.
CAPACITIVE LOADING
Output delays and holds are based on standard capacitive loads:
30 pF on all pins (see Figure 41). Figure 45 and Figure 46 show
graphically how output delays and holds vary with load capaci-
tance. The graphs of Figure 43 through Figure 46 may not be
linear outside the ranges shown for Typical Output Delay vs.
Load Capacitance and Typical Output Rise Time (20% to 80%,
V = Min) vs. Load Capacitance.
Table 54. Driver Types
Driver Type Associated Pins
A
FLAG[0–3], AMI_ADDR[0–23], DATA[0–15],
AMI_RD, AMI_WR, AMI_ACK, MS[1-0], SDRAS,
SDCAS, SDWE, SDDQM, SDCKE, SDA10, EMU, TDO,
RESETOUT, DPI[1–14], DAI[1–20], WDTRSTO,
MLBDAT, MLBSIG, MLBSO, MLBDO, MLBCLK
BSDCLK
Figure 40. Typical Drive at Junction Temperature
Figure 42. Voltage Reference Levels for AC Measurements
SWEEP (V
DDEXT) VOLTAGE (V)
0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
150
50
-100
-200
-150
-50
V
OH 3.13 V, 125 °C
V
OL 3.13 V, 125 °C
TYPE A
TYPE A
TYPE B
TYPE B
INPUT
OR
OUTPUT
1.5V
1.5V
Figure 41. Equivalent Device Loading for AC Measurements
(Includes All Fixtures)
Figure 43. Typical Output Rise/Fall Time (20% to 80%, VDD_EXT = Max)
T1
ZO = 50
(impedance)
TD = 4.04
r 1.18 ns
2pF
TESTER PIN ELECTRONICS
50
0.5pF
70
400
45
4pF
NOTES:
THE WORST CASE TRANSMISSION LINE DELAY IS SHOWN AND CAN BE USED
FOR THE OUTPUT TIMING ANALYSIS TO REFLECT THE TRANSMISSION LINE
EFFECT AND MUST BE CONSIDERED. THE TRANSMISSION LINE (TD) IS FOR
LOAD ONLY AND DOES NOT AFFECT THE DATA SHEET TIMING SPECIFICATIONS.
ANALOG DEVICES RECOMMENDS USING THE IBIS MODEL TIMING FOR A GIVEN
SYSTEM REQUIREMENT. IF NECESSARY, A SYSTEM MAY INCORPORATE
EXTERNAL DRIVERS TO COMPENSATE FOR ANY TIMING DIFFERENCES.
VLOAD
DUT
OUTPUT
50
LOAD CAPACITANCE (pF)
6
0
0
7
4
2
1
3
125
200
100
25
175
50
75
150
5
y = 0.0341x + 0.3093
y = 0.0153x + 0.2131
y = 0.0414x + 0.2661
y = 0.0152x + 0.1882
TYPE A DRIVE FALL
TYPE A DRIVE RISE
TYPE B DRIVE FALL
TYPE B DRIVE RISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com