công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADSP21486KSWZ3ABRL bảng dữ liệu(PDF) 30 Page - Analog Devices

tên linh kiện ADSP21486KSWZ3ABRL
Giải thích chi tiết về linh kiện  SHARC Processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADSP21486KSWZ3ABRL bảng dữ liệu(HTML) 30 Page - Analog Devices

Back Button ADSP21486KSWZ3ABRL Datasheet HTML 26Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 27Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 28Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 29Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 30Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 31Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 32Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 33Page - Analog Devices ADSP21486KSWZ3ABRL Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 71 page
background image
Rev. H
|
Page 30 of 71
|
February 2020
ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489
Precision Clock Generator (Direct Pin Routing)
This timing is only valid when the SRU is configured such that
the precision clock generator (PCG) takes its inputs directly
from the DAI pins (via pin buffers) and sends its outputs
directly to the DAI pins. For the other cases, where the PCG’s
inputs and outputs are not directly routed to/from DAI pins (via
pin buffers), there is no timing data available. All timing param-
eters and switching characteristics apply to external DAI pins
(DAI_P01 – DAI_P20).
Table 28. Precision Clock Generator (Direct Pin Routing)
Parameter
Min
Max
Unit
Timing Requirements
tPCGIW
Input Clock Period
tPCLK × 4
ns
tSTRIG
PCG Trigger Setup Before Falling Edge of PCG Input
Clock
4.5
ns
tHTRIG
PCG Trigger Hold After Falling Edge of PCG Input
Clock
3ns
Switching Characteristics
tDPCGIO
PCG Output Clock and Frame Sync Active Edge
Delay After PCG Input Clock
2.5
10
ns
tDTRIGCLK
PCG Output Clock Delay After PCG Trigger
2.5 + (2.5 × tPCGIP)
10 + (2.5 × tPCGIP)ns
tDTRIGFS
PCG Frame Sync Delay After PCG Trigger
2.5 + ((2.5 + D – PH) × tPCGIP)
10 + ((2.5 + D – PH) × tPCGIP)ns
tPCGOW
1
Output Clock Period
2 × tPCGIP – 1
ns
D = FSxDIV, PH = FSxPHASE. For more information, see the “Precision Clock Generators” chapter in the hardware reference manual.
1 Normal mode of operation.
Figure 15. Precision Clock Generator (Direct Pin Routing)
DAI_Pn
DPI_Pn
PCG_TRIGx_I
DAI_Pm
DPI_Pm
PCG_EXTx_I
(CLKIN)
DAI_Py
DPI_Py
PCG_CLKx_O
DAI_Pz
DPI_Pz
PCG_FSx_O
tDTRIGFS
tDTRIGCLK
tDPCGIO
tSTRIG
tHTRIG
tPCGOW
tDPCGIO
tPCGIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com