công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 91 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 91 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 87Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 88Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 89Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 90Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 91Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 92Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 93Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 94Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 173 page
background image
91
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Detailed Description
Copyright © 2009–2018, Texas Instruments Incorporated
6.1.19 Control Peripherals
The C2834x devices support the following peripherals which are used for embedded control and
communication:
ePWM:
The enhanced PWM peripheral supports independent and complementary PWM
generation, adjustable dead-band generation for leading and trailing edges, latched
and cycle-by-cycle trip mechanism. Some of the PWM pins support HRPWM
features.
eCAP:
The enhanced capture peripheral uses a 32-bit time base and registers up to four
programmable events in continuous/one-shot capture modes.
This peripheral can also be configured to generate an auxiliary PWM signal.
eQEP:
The enhanced QEP peripheral uses a 32-bit position counter, supports low-speed
measurement using capture unit and high-speed measurement using a 32-bit unit
timer.
This peripheral has a watchdog timer to detect motor stall and input error detection
logic to identify simultaneous edge transition in QEP signals.
6.1.20 Serial Port Peripherals
The devices support the following serial communication peripherals:
eCAN:
This is the enhanced version of the CAN peripheral. It supports 32 mailboxes, time-
stamping of messages, and is compliant with ISO 11898-1 (CAN 2.0B).
McBSP:
The multichannel buffered serial port (McBSP) connects to E1/T1 lines, phone-
quality codecs for modem applications or high-quality stereo audio DAC devices.
The McBSP receive and transmit registers are supported by the DMA to significantly
reduce the overhead for servicing this peripheral. Each McBSP module can be
configured as an SPI as required.
SPI:
The SPI is a high-speed, synchronous serial I/O port that allows a serial bit stream of
programmed length (1 to 16 bits) to be shifted into and out of the device at a
programmable bit-transfer rate. Normally, the SPI is used for communications
between the MCU and external peripherals or another processor. Typical
applications include external I/O or peripheral expansion through devices such as
shift registers, display drivers, and ADCs. Multidevice communications are supported
by the master/slave operation of the SPI. The SPI contains a 16-level receive and
transmit FIFO for reducing interrupt servicing overhead.
SCI:
The serial communications interface is a 2-wire asynchronous serial port, commonly
known as UART. The SCI contains a 16-level receive and transmit FIFO for reducing
interrupt servicing overhead.
I2C:
The inter-integrated circuit (I2C) module provides an interface between an MCU and
other devices compliant with Philips Semiconductors Inter-IC bus (I2C-bus)
specification version 2.1 and connected by way of an I2C-bus. External components
attached to this 2-wire serial bus can transmit/receive up to 8-bit data to/from the
MCU through the I2C module. The I2C contains a 16-level receive and transmit
FIFO for reducing interrupt servicing overhead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com