công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 49 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 45Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 46Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 47Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 48Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 49Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 50Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 51Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 52Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 173 page
background image
td(IDLE−XCOL)
X1/X2
or XCLKIN
XCLKOUT
HALT
HALT
Wake-up Latency
Flushing Pipeline
td(WAKE−HALT)
(A)
(B)
(C)
(D)(E)
Device
Status
(F)
(H)
(G)
PLL Lock-up Time
Normal
Execution
tw(WAKE-GPIO)
tp
GPIOn
Oscillator Start-up Time
49
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
www.ti.com
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Specifications
Copyright © 2009–2018, Texas Instruments Incorporated
(1)
See Table 5-6 for an explanation of toscst.
Table 5-16. HALT Mode Timing Requirements
MIN
MAX
UNIT
tw(WAKE-GPIO)
Pulse duration, GPIO wake-up signal
toscst + 2tc(OSCCLK)
(1)
cycles
tw(WAKE-XRS)
Pulse duration, XRS wakeup signal
toscst + 8tc(OSCCLK)
cycles
Table 5-17. HALT Mode Switching Characteristics
PARAMETER
MIN
MAX
UNIT
td(IDLE-XCOL)
Delay time, IDLE instruction executed to XCLKOUT low
32tc(SCO)
45tc(SCO)
cycles
tp
PLL lock-up time
2600tc(OSCCLK)
cycles
td(WAKE-HALT)
Delay time, PLL lock to program execution resume
•
Wake up from SARAM
35tc(SCO)
cycles
A.
IDLE instruction is executed to put the device into HALT mode.
B.
The PLL block responds to the HALT signal. SYSCLKOUT is held for 32 cycles before oscillator is turned off and the
CLKIN to the core is stopped. This delay enables the CPU pipeline and any other pending operations to flush
properly. If an access to XINTF is in progress and its access time is longer than this number then it will fail. It is
recommended to enter HALT mode from SARAM without an XINTF access in progress.
C.
Clocks to the peripherals are turned off and the PLL is shut down. If a quartz crystal or ceramic resonator is used as
the clock source, the internal oscillator is shut down as well. The device is now in HALT mode and consumes
absolute minimum power.
D.
When the GPIOn pin (used to bring the device out of HALT) is driven low, the oscillator is turned on and the oscillator
wake-up sequence is initiated. The GPIO pin should be driven high only after the oscillator has stabilized. This
enables the provision of a clean clock signal during the PLL lock sequence. Because the falling edge of the GPIO pin
asynchronously begins the wakeup process, care should be taken to maintain a low noise environment prior to
entering and during HALT mode.
E.
The wake-up signal fed to a GPIO pin to wake up the device must meet the minimum pulse width requirement.
Furthermore, this signal must be free of glitches. If a noisy signal is fed to a GPIO pin, the wake-up behavior of the
device will not be deterministic and the device may not exit low-power mode for subsequent wake-up pulses.
F.
Once the oscillator has stabilized, the PLL lock sequence is initiated, which takes 2,600 OSCCLK (X1/X2 or X1 or
XCLKIN) cycles.
G.
Clocks to the core and peripherals are enabled. The HALT mode is now exited. The device will respond to the
interrupt (if enabled), after a latency.
H.
Normal operation resumes.
Figure 5-12. HALT Wakeup Using GPIOn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com