công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343ZHHT bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện TMS320C28343ZHHT
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343ZHHT bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button TMS320C28343ZHHT Datasheet HTML 4Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 5Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 6Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 7Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 8Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 9Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 10Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 11Page - Texas Instruments TMS320C28343ZHHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 173 page
background image
8
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Device Comparison
Copyright © 2009–2018, Texas Instruments Incorporated
3.1
Related Products
For information about other devices in the Delfino family of products, see the following links:
Original Delfino™ series:
TMS320F2833x Delfino™ Microcontrollers
The F2833x series is the original Delfino MCU. It is the first C2000™ MCU that is offered with a floating-
point unit (FPU). It has the first-generation ePWM timers that are used throughout the rest of the Delfino
and Piccolo™ families. The 12.5-MSPS, 12-bit ADC is still class-leading for an integrated analog-to-digital
converter. The F2833x has a 150-MHz CPU and up to 512KB of on-chip Flash. It is available in a 176-pin
QFP or 179-ball BGA package.
TMS320C2834x Delfino™ Microcontrollers
The C2834x series removes the on-chip Flash memory and integrated ADC to enable the fastest available
clock speeds of up to 300 MHz. It is available in a 179-ball BGA or 256-ball BGA package.
Newest Delfino™ series:
TMS320F2837xD Delfino™ Microcontrollers
The F2837xD series sets a new standard for performance with dual subsystems. Each subsystem
consists of a C28x CPU and a parallel control law accelerator (CLA), each running at 200 MHz. Enhancing
performance are TMU and VCU accelerators. New capabilities include multiple 16-bit/12-bit mode ADCs,
DAC, Sigma-Delta filters, USB, configurable logic block (CLB), on-chip oscillators, and enhanced versions
of all peripherals. The F2837xD is available with up to 1MB of Flash. It is available in a 176-pin QFP or
337-pin BGA package.
TMS320F2837xS Delfino™ Microcontrollers
The F2837xS series is a pin-to-pin compatible version of F2837xD but with only one C28x-CPU-and-CLA
subsystem enabled. It is also available in a 100-pin QFP to enable compatibility with the Piccolo™
TMS320F2807x series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com