công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB22 bảng dữ liệu(PDF) 87 Page - Microchip Technology

tên linh kiện MCP47CVB22
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB22 bảng dữ liệu(HTML) 87 Page - Microchip Technology

Back Button MCP47CVB22 Datasheet HTML 83Page - Microchip Technology MCP47CVB22 Datasheet HTML 84Page - Microchip Technology MCP47CVB22 Datasheet HTML 85Page - Microchip Technology MCP47CVB22 Datasheet HTML 86Page - Microchip Technology MCP47CVB22 Datasheet HTML 87Page - Microchip Technology MCP47CVB22 Datasheet HTML 88Page - Microchip Technology MCP47CVB22 Datasheet HTML 89Page - Microchip Technology MCP47CVB22 Datasheet HTML 90Page - Microchip Technology MCP47CVB22 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 87
MCP47CXBXX
8.3
Application Examples
The MCP47CXBXX devices are rail-to-rail output
DACs designed to operate with a VDD range of 2.7V to
5.5V. The internal output amplifier is robust enough to
drive common, small signal loads directly, thus
eliminating the cost and size of the external buffers for
most applications. The user can use the gain of 1 or 2
of the output op amp by setting the Configuration
register bits. The internal VDD or an external reference
can be used. There are various user options and easy-
to-use features that make the devices suitable for
various modern DAC applications.
Application examples include:
• Decreasing Output Step-Size
• Building a “Window” DAC
• Bipolar Operation
• Selectable Gain and Offset Bipolar Voltage Output
• Designing a Double Precision DAC
• Building Programmable Current Source
• Serial Interface Communication Times
• Software I2C Interface Reset Sequence
• Power Supply Considerations
• Layout Considerations
8.3.1
DC SET POINT OR CALIBRATION
A common application for the devices is a digitally
controlled set point and/or calibration of variable
parameters, such as sensor offset or slope. For
example, the MCP47CVB2X provides 4096 output
steps. If the voltage reference is 4.096V (where Gx = 0),
the LSb size is 1 mV. If a smaller output step-size is
desired, a lower external voltage reference is needed.
8.3.1.1
Decreasing Output Step-Size
If the application is calibrating the bias voltage of a
diode or transistor, a bias voltage range of 0.8V may be
desired, with about 200 µV resolution per step. Two
common methods to achieve small step-size are to use
a lower VREF pin voltage or a voltage divider on the
DAC’s output.
Using an external Voltage Reference (VREF) is an
option if the external reference is available with the
desired output voltage range. However, when using a
low-voltage reference voltage, occasionally the noise
floor causes an SNR error that is intolerable. Using a
voltage divider method is another option, and provides
some advantages when external voltage reference
needs to be very low, or when the desired output
voltage is not available. In this case, a larger value
reference voltage is used, while two resistors scale the
output range down to the precise desired level.
Figure 8-3 illustrates this concept. A bypass capacitor
on the output of the voltage divider plays a critical
function in attenuating the output noise of the DAC and
the induced noise from the environment.
FIGURE 8-3:
Example Circuit of Set Point
or Threshold Calibration.
EQUATION 8-1:
VOUT AND VTRIP
CALCULATIONS
R1
VCC+
VCC-
VOUT
I2C
2-Wire
VREF
Optional
MCP47CVBXX
VDD
VO
R2
C1
RSENSE
Comp.
VDD
VTRIP
Vtrip VOUT
R2
R1 R2
+
--------------------



=
VOUT = VREF • G •
DAC Register Value
2N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com