công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB22 bảng dữ liệu(PDF) 65 Page - Microchip Technology

tên linh kiện MCP47CVB22
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB22 bảng dữ liệu(HTML) 65 Page - Microchip Technology

Back Button MCP47CVB22 Datasheet HTML 61Page - Microchip Technology MCP47CVB22 Datasheet HTML 62Page - Microchip Technology MCP47CVB22 Datasheet HTML 63Page - Microchip Technology MCP47CVB22 Datasheet HTML 64Page - Microchip Technology MCP47CVB22 Datasheet HTML 65Page - Microchip Technology MCP47CVB22 Datasheet HTML 66Page - Microchip Technology MCP47CVB22 Datasheet HTML 67Page - Microchip Technology MCP47CVB22 Datasheet HTML 68Page - Microchip Technology MCP47CVB22 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 65
MCP47CXBXX
5.4
Latch Pin (LAT)
The Latch pin controls when the Volatile DAC register
value is transferred to the DAC wiper. This is useful for
applications that need to synchronize the wiper(s)
updates to an external event, such as zero-crossing or
updates to the other wipers on the device. The LAT pin
is asynchronous to the serial interface operation.
When the LAT pin is high, transfers from the Volatile
DAC register to the DAC wiper are inhibited. The Volatile
DAC register value(s) can continue to be updated.
When the LAT pin is low, the Volatile DAC register
value is transferred to the DAC wiper.
Figure 5-8 shows the interaction of the LAT pin and the
loading of the DAC Wiper x (from the Volatile DAC
Register x). The transfers are level-driven. If the LAT
pin is held low, the corresponding DAC wiper is
updated as soon as the Volatile DAC register value is
updated.
FIGURE 5-8:
LAT and DAC Interaction.
The LAT pin allows the DAC wiper to be updated to an
external
event
and
to
have
multiple
DAC
channels/devices update at a common event.
Since the DAC Wiper x is updated from the Volatile
DAC Register x, all DACs that are associated with a
given LAT pin can be updated synchronously.
If the application does not require synchronization, then
this signal should be tied low.
Figure 5-9 shows two cases of using the LAT pin to
control when the Wiper register is updated relative to
the value of a sine wave signal.
FIGURE 5-9:
Example Use of LAT Pin Operation.
Note:
This allows both the Volatile DAC0 and
DAC1 registers to be updated while the
LAT pin is high, and to have outputs
synchronously updated as the LAT pin is
driven low.
Write Command
Register Address
DAC Wiper x
16 Clocks
LAT
SYNC
Transfer
Serial Shift Reg.
Data
(internal signal)
LAT SYNC
Transfer
Data
Comment
11
0
No Transfer
10
0
No Transfer
01
1
Vol. DAC Register x
 DAC Wiper x
00
0
No Transfer
Vol. DAC Register x
Case 1: Zero-Crossing of Sine Wave to Update the Volatile DAC0 Register (using LAT pin)
Case 2: Fixed-Point Crossing of Sine Wave to Update the Volatile DAC0 Register (using LAT pin)
Indicates where LAT pin pulses are active (Volatile DAC0 register updated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com