công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB01 bảng dữ liệu(PDF) 121 Page - Microchip Technology

tên linh kiện MCP47CVB01
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB01 bảng dữ liệu(HTML) 121 Page - Microchip Technology

Back Button MCP47CVB01 Datasheet HTML 116Page - Microchip Technology MCP47CVB01 Datasheet HTML 117Page - Microchip Technology MCP47CVB01 Datasheet HTML 118Page - Microchip Technology MCP47CVB01 Datasheet HTML 119Page - Microchip Technology MCP47CVB01 Datasheet HTML 120Page - Microchip Technology MCP47CVB01 Datasheet HTML 121Page - Microchip Technology MCP47CVB01 Datasheet HTML 122Page - Microchip Technology MCP47CVB01 Datasheet HTML 123Page - Microchip Technology MCP47CVB01 Datasheet HTML 124Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 121
MCP47CXBXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP47CXBXX: 1 LSb INL Voltage Output Digital-to-Analog
Converters with I2C Interface,
8/10/12-Bit Resolution, Single/Dual Outputs
and Volatile/MTP Memory
Tape and Reel:
T
= Tape and Reel
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
MF = Plastic Dual Flat, No Lead Package (DFN),
3x3x0.9 mm, 10-Lead
MG = Plastic Quad Flat, No Lead Package (QFN),
3x3x0.9 mm, 16-Lead
UN = Plastic Micro Small Outline Package (MSOP),
10-Lead
Examples:
a) MCP47CVB01-E/MF:
1 LSb INL Voltage Output
Digital-to-Analog Converter,
8-Bit Resolution, Extended
Temperature, 10LD DFN, with
Volatile Memory.
b) MCP47CVB01T-E/MF: 1 LSb INL Voltage Output
Digital-to-Analog Converter,
8-Bit Resolution, Tape and Reel,
Extended Temperature,
10LD DFN, with Volatile Memory.
a) MCP47CVB12-E/MG:
1 LSb INL Voltage Output
Digital-to-Analog Converter,
10-Bit Resolution, Extended
Temperature, 16LD QFN, with
Volatile Memory.
b) MCP47CVB12T-E/MG: 1 LSb INL Voltage Output
Digital-to-Analog Converter,
10-Bit Resolution, Tape and Reel,
Extended Temperature,
16LD QFN, with Volatile Memory.
a) MCP47CMB21-E/UN:
1 LSb INL Voltage Output
Digital-to-Analog Converter,
12-Bit Resolution, Extended
Temperature, 10LD MSOP, with
Nonvolatile Memory.
b) MCP47CMB21T-E/UN: 1 LSb INL Voltage Output
Digital-to-Analog Converter,
12-Bit Resolution, Tape and Reel,
Extended Temperature,
10LD MSOP, with Nonvolatile
Memory.
PART NO.
X
Temperature
Range
Device
/XX
Package
X(1)
Tape and
Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com