công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB01 bảng dữ liệu(PDF) 84 Page - Microchip Technology

tên linh kiện MCP47CVB01
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB01 bảng dữ liệu(HTML) 84 Page - Microchip Technology

Back Button MCP47CVB01 Datasheet HTML 80Page - Microchip Technology MCP47CVB01 Datasheet HTML 81Page - Microchip Technology MCP47CVB01 Datasheet HTML 82Page - Microchip Technology MCP47CVB01 Datasheet HTML 83Page - Microchip Technology MCP47CVB01 Datasheet HTML 84Page - Microchip Technology MCP47CVB01 Datasheet HTML 85Page - Microchip Technology MCP47CVB01 Datasheet HTML 86Page - Microchip Technology MCP47CVB01 Datasheet HTML 87Page - Microchip Technology MCP47CVB01 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 124 page
background image
MCP47CXBXX
DS20006089B-page 84
 2018-2019 Microchip Technology Inc.
7.7.1
GENERAL CALL RESET
The I2C General Call Reset command forces a reset
event. This is similar to the Power-On Reset, except
that the reset delay timer is not started. This command
allows multiple devices to be reset synchronously.
The device performs General Call Reset if the second
byte is ‘00000110’ (06h). At the acknowledgment of
this byte, the device will perform the following tasks:
• Internal reset similar to a POR. The contents of
the MTP are loaded into the DAC registers
• Analog output (VOUT) is available after the POR
sequence has been completed.
7.7.2
GENERAL CALL WAKE-UP
The I2C General Call Wake-Up command forces the
device to exit from its Power-Down state (forces the
PDxB:PDxA bits to ‘00’). This command allows multiple
MCP47CXBXX devices to wake up synchronously.
The device performs General Call Wake-Up if the
second byte (after the General Call Address) is
‘00001010’ (0Ah). At the acknowledgment of this byte,
the device will perform the following task:
• The device’s volatile power-down bits
(PDxB:PDxA) are forced to ‘00’.
FIGURE 7-9:
General Call Reset Command.
FIGURE 7-10:
General Call Wake-up Command.
Note 1:
The Acknowledge bit is generated by the MCP47CXBXX.
2:
At the falling edge of the SCL pin for the General Call Reset command ACK bit, the
MCP47CXBXX device is reset.
3:
This command sequence does not need to terminate (using the Stop bit) and the General Call Reset
command can be repeated or the general call wake-up command can be sent. Only the first
command will be accepted by the MCP47CXBXX.
S
0
A
0
1
1
0
A
General Call Address
7-Bit Command
0
0
0
0
0
0
0
0
P
0
0
0
I2C ACK Bit(1)
A
P
S
1
1
I2C Start Bit
Reset Command
I2C Stop Bit(2,3)
Legend:
0
Note 1: The Acknowledge bit is generated by the MCP47CXBXX.
2: At the rising edge of the last data bit for the general call wake-up command, the volatile
Power-Down bits (PDxB:PDxA) are forced to ‘00’.
3: This command sequence does not need to terminate (using the Stop bit) and the general call
wake-up command can be repeated or the General Call Reset command can be sent.
S
0
A
0
0
1
0
A
General Call Address
7-Bit Command
0
0
0
0
0
0
0
1
P
0
0
0
I2C ACK Bit(1)
A
P
S
0
1
I2C Start Bit
Reset Command
I2C Stop Bit(3)
Legend:
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com