công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB01 bảng dữ liệu(PDF) 92 Page - Microchip Technology

tên linh kiện MCP47CVB01
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB01 bảng dữ liệu(HTML) 92 Page - Microchip Technology

Back Button MCP47CVB01 Datasheet HTML 88Page - Microchip Technology MCP47CVB01 Datasheet HTML 89Page - Microchip Technology MCP47CVB01 Datasheet HTML 90Page - Microchip Technology MCP47CVB01 Datasheet HTML 91Page - Microchip Technology MCP47CVB01 Datasheet HTML 92Page - Microchip Technology MCP47CVB01 Datasheet HTML 93Page - Microchip Technology MCP47CVB01 Datasheet HTML 94Page - Microchip Technology MCP47CVB01 Datasheet HTML 95Page - Microchip Technology MCP47CVB01 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 124 page
background image
MCP47CXBXX
DS20006089B-page 92
 2018-2019 Microchip Technology Inc.
8.10.2
LAYOUT CONSIDERATIONS
Several layout considerations may be applicable to
your application. These may include:
• Noise
• PCB Area Requirements
8.10.2.1
Noise
Inductively coupled AC transients and digital switching
noise can degrade the input and output signal integrity,
potentially masking the MCP47CXBXX device’s perfor-
mance. Careful board layout minimizes these effects
and increases the Signal-to-Noise Ratio (SNR). Multi-
layer boards utilizing a low-inductance ground plane,
isolated inputs, isolated outputs and proper decoupling
are critical to achieving the performance that the silicon is
capable of providing. Particularly harsh environments
may require shielding of critical signals.
Separate digital and analog ground planes are
recommended. In this case, the VSS pin and the ground
pins of the VDD capacitors should be terminated to the
analog ground plane.
8.10.2.2
PCB Area Requirements
In some applications, PCB area is a criteria for device
selection. Table 8-1 shows the typical package
dimensions and area for the different package options.
Note:
Breadboards and wire-wrapped boards
are not recommended.
TABLE 8-1:
PACKAGE FOOTPRINT(1)
Package
Package Footprint
Type
Code
Dimensions
(mm)
Area (mm2)
Length Width
10 MSOP
UN
3.00
4.90
14.70
10 DFN
MF
3.00
3.00
9.00
16 QFN
MG
3.00
3.00
9.00
Note 1: Does not include recommended land
pattern dimensions. Dimensions are
typical values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com