công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCP47CVB01 bảng dữ liệu(PDF) 10 Page - Microchip Technology

tên linh kiện MCP47CVB01
Giải thích chi tiết về linh kiện  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CVB01 bảng dữ liệu(HTML) 10 Page - Microchip Technology

Back Button MCP47CVB01 Datasheet HTML 6Page - Microchip Technology MCP47CVB01 Datasheet HTML 7Page - Microchip Technology MCP47CVB01 Datasheet HTML 8Page - Microchip Technology MCP47CVB01 Datasheet HTML 9Page - Microchip Technology MCP47CVB01 Datasheet HTML 10Page - Microchip Technology MCP47CVB01 Datasheet HTML 11Page - Microchip Technology MCP47CVB01 Datasheet HTML 12Page - Microchip Technology MCP47CVB01 Datasheet HTML 13Page - Microchip Technology MCP47CVB01 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 124 page
background image
MCP47CXBXX
DS20006089B-page 10
 2018-2019 Microchip Technology Inc.
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended)
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +1.000V to VDD, VSS =0V, RL =2 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Total Unadjusted Error(2,9)
(see C.6 “Total
Unadjusted Error (ET)”)
ET
-2.5
—
0.75
LSb
8-bit VRxB:VRxA = 10, G = 0,
VREF =VDD, no load
-9
—
3
LSb
10-bit VRxB:VRxA = 10, G = 0,
VREF =VDD, no load
-35
—
12
LSb
12-bit VRxB:VRxA = 10, G = 0,
VREF =VDD, no load
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = 10, G = 1,
VREF = 0.5 X VDD, no load
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = 01, G = 0, G = 1,
VDD = 1.8V-5.5V, no load
Integral Nonlinearity
(see C.11 “Integral
Nonlinearity (INL)”)(9)
INL
-0.1
—
+0.1
LSb
8-bit VRxB:VRxA = 10, G = 0,
VREF = VDD, no load
-0.25
—
+0.25
LSb
10-bit VRxB:VRxA = 10, G = 0,
VREF = VDD, no load
-1
—
+1
LSb
12-bit VRxB:VRxA = 10, G = 0,
VREF = VDD, no load
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = 10, G = 1,
VREF = 0.5 X VDD, no load
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = 01, G = 0, G = 1,
VDD = 1.8V-5.5V, no load
Differential Nonlinearity
(see C.12 “Differential
Nonlinearity (DNL)”)(9)
DNL
-0.1
—
+0.1
LSb
8-bit VRxB:VRxA = 10, G = 0,
VREF = VDD, no load
-0.25
—
+0.25
LSb
10-bit VRxB:VRxA = 10, G = 0,
VREF = VDD, no load
-1.0
—
+1.0
LSb
12-bit VRxB:VRxA = 10, G = 0,
VREF = VDD, no load
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = 10, G = 1,
VREF = 0.5 X VDD, no load
See Section 2.0 “Typical
Performance Curves”(2)
LSb
VRxB:VRxA = 01, G = 0, G = 1,
VDD = 1.8V-5.5V, no load
Note 2
This parameter is ensured by characterization.
Note 9
Code range dependent on resolution: 8-bit, codes 4 to 252; 10-bit, codes 16 to 1008; 12-bit, codes 64 to
4032.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com