công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO-48DX-USB bảng dữ liệu(PDF) 1 Page - Contec Co., Ltd

tên linh kiện DIO-48DX-USB
Giải thích chi tiết về linh kiện  Bi-Directional Digital I/O Unit for USB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONTEC [Contec Co., Ltd]
Trang chủ  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DIO-48DX-USB bảng dữ liệu(HTML) 1 Page - Contec Co., Ltd

  DIO-48DX-USB Datasheet HTML 1Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 2Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 3Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 4Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 5Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ver.1.01
DIO-48DX-USB
1
Bi-Directional
Digital I/O Unit for USB
DIO-48DX-USB
*
Specifications, color and design of the products are subject to
change without notice.
This product is an USB2.0-compliant digital I/O unit that
extends the input/output function of bi-directional digital signal.
This product has up to 48 unisolated TTL-level input/output
channels that is powered by the equivalence to the mode 0 of
i8255 chips, and you can use up to 48 channels of the input
signals as interrupt inputs. You can select the input/output by
the application software in eight signals units (in four signals
unit for some inputs/outputs).
As there is compatible with PCI bus-compatible board
DIO-48D2-PCI and PCI Express bus-compatible board
DIO-48D-PE in terms of connector shape and pin assignments,
it is easy to migrate from the existing system.
Windows driver is bundled with this product.
Possible to
be used as a data recording device for LabVIEW, with
dedicated libraries.
This product can be used to TTL-level input/output 48
points bi-directional digital corresponding to the
equivalence to the i8255 mode 0.
This product has up to 48 unisolated TTL-level input/output
channels whose response speed is 200nsec that is powered
by to the equivalence to the mode 0 of i8255 device for
general-purpose. You can select the input/output by the
application software in eight signals units (in four signals unit
for some inputs/outputs).
You can use up to 48channels of the input signals as
interrupt events.
You can use up to 48channels of the input signals as interrupt
events and also disable or enable the interrupt in bit units and
select the edge of signals, at which to generate an interrupt.
This product has a digital filter to prevent wrong
recognition of input signals from carrying noise or a
chattering.
This product has a digital filter to prevent wrong recognition of
input signals from carrying noise or a chattering. All input
terminals can be added a digital filter, and the setting can be
performed by software.
USB HUB function
This product has the USB HUB function. Max. 4
DIO-48DX-USB can be used in 1 USB port of PC. *1
When you use 4 or more DIO-48DX-USB, you can do by
connecting DIO-48DX-USB to another USB port of PC side.
Also, you can connect the CONTEC’s USB device other than
DIO-48DX-USB to the USB port of DIO-48DX-USB.
*2*3
Compatible to USB1.1/USB2.0
Compatible to USB1.1/USB2.0 and capable to achieve high
speed transfer at HighSpeed (480 Mbps).
Connectors are compatible with PCI/PCI Express
bus-compatible board
As there is compatible with DIO-48D2-PCI and DIO-48D-PE in
terms of connector shape and pin assignments, it is easy to
migrate from the existing system. If the system of this product
is created by the digital I/O driver API-DIO(98/PC), it is
required to replace it with API-DIO(WDM).
Windows compatible driver libraries are attached.
Using the attached digital I/O driver API-DIO(WDM) makes it
possible to create applications of Windows.
In addition, a
diagnostic program by which the operations of hardware can
be checked is provided.
LabVIEW is supported by a plug-in of dedicated library
VI-DAQ.
Using the dedicated library VI-DAQ makes it possible to make
a LabVIEW application.
*1
This product cannot be stacked up for installation.
*2
Do not connect the device other than that of CONTEC’s USB to the USB port included
on the DIO-48DX-USB.
Otherwise, this may cause a failure or malfunction.
*3
When connecting multiple units with USB HUB function and set up them, do one at a
time and complete setup for the previous unit before starting to do the next unit.
Features
USB cable
USB cable
USB cable
USB cable


Số phần tương tự - DIO-48DX-USB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Contec Co., Ltd
DIO-48D-LPE CONTEC-DIO-48D-LPE Datasheet
247Kb / 4P
PCI Express-compliant Bi-Directional Digital I/O
DIO-48D-PE CONTEC-DIO-48D-PE Datasheet
416Kb / 3P
Bi-Directional Digital I/O Board for PCI Express
DIO-48D2-PCI CONTEC-DIO-48D2-PCI Datasheet
312Kb / 2P
Bi-Directional Digital I/O Board for PCI
More results

Mô tả tương tự - DIO-48DX-USB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Contec Co., Ltd
DIO-48D2-PCI CONTEC-DIO-48D2-PCI Datasheet
312Kb / 2P
Bi-Directional Digital I/O Board for PCI
DIO-48D-LPE CONTEC-DIO-48D-LPE Datasheet
247Kb / 4P
PCI Express-compliant Bi-Directional Digital I/O
DIO-48D-PE CONTEC-DIO-48D-PE Datasheet
416Kb / 3P
Bi-Directional Digital I/O Board for PCI Express
DIO-128SLX-USB CONTEC-DIO-128SLX-USB Datasheet
675Kb / 7P
Bi-Directional Digital I/O Unit with Opto-Isolation for US
DIO-0808RN-USB CONTEC-DIO-0808RN-USB Datasheet
344Kb / 5P
N Series for USB Isolated Digital I/O Unit
DIO-1616HN-USB CONTEC-DIO-1616HN-USB Datasheet
352Kb / 6P
N Series for USB Isolated Digital I/O Unit
DIO-1616LN-USB CONTEC-DIO-1616LN-USB Datasheet
399Kb / 4P
N Series for USB Isolated Digital I/O Unit
DIO-3232LX-USB CONTEC-DIO-3232LX-USB Datasheet
334Kb / 5P
Digital I/O Unit with Opto-Isolation for USB
DIO-6464LX-USB CONTEC-DIO-6464LX-USB Datasheet
870Kb / 7P
Digital I/O Unit with Opto-Isolation for USB
PIO-48DH CONTEC-PIO-48DH Datasheet
433Kb / 3P
Bi-directional Digital I/O Board for Low Profile PCI
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com