công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DIO-48DX-USB bảng dữ liệu(PDF) 4 Page - Contec Co., Ltd

tên linh kiện DIO-48DX-USB
Giải thích chi tiết về linh kiện  Bi-Directional Digital I/O Unit for USB
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONTEC [Contec Co., Ltd]
Trang chủ  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DIO-48DX-USB bảng dữ liệu(HTML) 4 Page - Contec Co., Ltd

  DIO-48DX-USB Datasheet HTML 1Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 2Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 3Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 4Page - Contec Co., Ltd DIO-48DX-USB Datasheet HTML 5Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Ver.1.01
DIO-48DX-USB
4
Connecting to a Connector
To connect an external device to this product, plug the cable
from the device into the interface connector (CN1) of unit
shown below.
* Please refer to the 2 page for more information on the supported cable and accessories.
Connector Pin Assignment
Pin Assignments of Interface Connector (CN1)
CN1
Pin No.
Signal
name
Meaning
Pin No.
Signal
name
Meaning
B48
2-PC7
A48
1-PC7
B47
GND
A47
GND
B46
2-PC6
A46
1-PC6
B45
GND
A45
GND
B44
2-PC5
A44
1-PC5
B43
GND
A43
GND
B42
2-PC4
2-C port
(High)
A42
1-PC4
1-C port
(High)
B41
GND
A41
GND
B40
2-PC3
A40
1-PC3
B39
GND
A39
GND
B38
2-PC2
A38
1-PC2
B37
GND
A37
GND
B36
2-PC1
A36
1-PC1
B35
GND
A35
GND
B34
2-PC0
2-C port
(Low)
A34
1-PC0
1-C port
(Low)
B33
GND
A33
GND
B32
2-PB7
A32
1-PB7
B31
GND
A31
GND
B30
2-PB6
A30
1-PB6
B29
GND
A29
GND
B28
2-PB5
A28
1-PB5
B27
GND
A27
GND
B26
2-PB4
A26
1-PB4
B25
GND
A25
GND
B24
2-PB3
A24
1-PB3
B23
GND
A23
GND
B22
2-PB2
A22
1-PB2
B21
GND
A21
GND
B20
2-PB1
A20
1-PB1
B19
GND
A19
GND
B18
2-PB0
2-B port
A18
1-PB0
1-B port
B17
GND
A17
GND
B16
2-PA7
A16
1-PA7
B15
GND
A15
GND
B14
2-PA6
A14
1-PA6
B13
GND
A13
GND
B12
2-PA5
A12
1-PA5
B11
GND
A11
GND
B10
2-PA4
A10
1-PA4
B09
GND
A09
GND
B08
2-PA3
A08
1-PA3
B07
GND
A07
GND
B06
2-PA2
A06
1-PA2
B05
GND
A05
GND
B04
2-PA1
A04
1-PA1
B03
GND
A03
GND
B02
2-PA0
2-A port
A02
1-PA0
1-A port
B01
GND
A01
GND
* The numbers in square brackets [ ] are pin numbers designated by HONDA TSUSHIN
KOGYO CO., LTD.
The I/O circuits of interface blocks of this board are illustrated
in Figure 3.3. Signals are TTL levels and positive logic.
I/O Circuit
Example of Connection
When switch is "ON", the corresponding bit is "0".
When switch is "OFF" in contrast, the
corresponding bit is "1".
When "1" is output to a relevant bit, the corresponding LED comes on.
When "0" is output to
the bit, in contrast, the LED goes out.
Connecting I/O Signals
- Connector used
PCR-E96LMD+ equivalence to it
[mfd. by HONDA TSUSHIN KOGYO CO., LTD.]
- Compatible connectors
PCR-E96FA+ equivalence to it
[mfd. by HONDA TSUSHIN KOGYO CO., LTD.]
Interface connector (CN1)
A48
B48
A01
B01
[1]
[49]
[48]
[96]
Using the Connectors



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com