| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UM1928 bảng dữ liệu(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1928 bảng dữ liệu(HTML) 19 Page - STMicroelectronics |
|
19 / 22 page ![]() DocID028162 Rev 1 19/22 UM1928 Executing and debugging firmware using a software toolchains 21 Figure 17. TrueSTUDIO debug window The debugger in the Atollic TrueSTUDIO can be used to debug source code at the C and assembly levels, to set breakpoints, to monitor individual variables and to watch events during the code execution. To run the application, from the Run menu, select Resume, or alternatively click the Resume button in the toolbar. |