| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATXMEGA8E5 bảng dữ liệu(PDF) 146 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATXMEGA8E5 bảng dữ liệu(HTML) 146 Page - Microchip Technology |
|
146 / 153 page ![]() 2018 Microchip Technology Inc. Data Sheet Complete DS40002059A-page 146 ATxmega32E5/16E5/8E5 Issue: ADC: Averaging is failing when channel scan is enabled For a correct operation, the averaging must complete on the on-going channel before incrementing the input offset. In the current implementation, the input offset is incremented after the ADC sampling is done. Workaround: None. Issue: ADC: Averaging in single conversion requires multiple conversion triggers For a normal operation, an unique start of conversion trigger starts a complete average operation. Then, for N-samples average operation, we should have: – One start of conversion – N conversions + average – Optional interrupt when the Nth conversion/last average is completed On silicon we need: – N start of conversion The two additional steps are well done. Workaround: – Set averaging configuration – N starts of conversion by polling the reset of START bit – Wait for interrupt flag (end of averaging) Issue: ADC accumulator sign extends the result in unsigned mode averaging In unsigned mode averaging, when the msb is going high(1), measurements are considered as negative when right shift is used. This sets the unused most significant bits once the shift is done. Workaround: Mask to zero the unused most significant bits once shift is done. Issue: ADC: Free running average mode issue In free running mode the ADC stops the ongoing averaging as soon as free running bit is disabled. This creates the need to flush the ADC before starting the next conversion since one or two conversions might have taken place in the internal accumulator. Workaround: Disable and re-enable the ADC before the start of next conversion in free running average mode. Issue: ADC: Event triggered conversion in averaging mode If the ADC is configured as event triggered in averaging mode, then a single event does not complete the entire aver- aging as it should be. Workaround: In the current revision, N events are needed for completing averaging on N samples. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |