công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATXMEGA8E5 bảng dữ liệu(PDF) 144 Page - Microchip Technology

tên linh kiện ATXMEGA8E5
Giải thích chi tiết về linh kiện  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 bảng dữ liệu(HTML) 144 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 140Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 141Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 142Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 143Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 144Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 145Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 146Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 147Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 144
ATxmega32E5/16E5/8E5
Issue:
TWI SM bus level one Master or slave remembering data
If a write is made to Data register, prior to Address register, the TWI design sends the data as soon as the write to
Address register is made. But the send data will be always 0x00.
Workaround:
Since single interrupt line is shared by both timeout interrupt and other TWI interrupt sources, there is a possibility in
software that data register will be written after timeout is detected but before timeout interrupt routine is executed. To
avoid this, in software, before writing data register, always ensure that timeout status flag is not set.
Issue:
Temperature sensor not calibrated
Temperature sensor factory calibration is not implemented on devices before date code 1324.
Workaround:
None.
Issue:
Automatic port override on PORT C
When Waveform generation is enabled on PORT C Timers, Automatic port override of peripherals other than Tc may
not work even though the pin is not used as waveform output pin.
Workaround:
No workaround.
Issue:
Sext timer is not implemented in slave mode
In slave mode, only Ttout timer is implemented. Sext timer is needed in slave mode to release the SCL line and to
allow the master to send a STOP condition. If only master implements Sext timer, slave continues to stretch the SCL
line (up to the Ttout timeout in the worse case).
Sext = Slave cumulative timeout.
Workaround:
No workaround.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com