công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-CCUESRQTP bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện MXT1664T3-CCUESRQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCUESRQTP bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button MXT1664T3-CCUESRQTP Datasheet HTML 3Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 4Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 5Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 6Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 7Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 8Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 9Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 10Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 7
L11
Y17
S
AVdd
Y line connection
Leave open
L12
Y18
S
AVdd
Y line connection
Leave open
L13
Y19
S
AVdd
Y line connection
Leave open
M1
Y48
S
AVdd
Y line connection
Leave open
M2
Y47
S
AVdd
Y line connection
Leave open
M3
Y46
S
AVdd
Y line connection
Leave open
M4
GND
P
–
Ground
–
M5
SCL
OD
VddIO
I2C Mode: Serial Clock input
–
M6
ADDSEL
I
VddIO
I2C Mode: Address select; see Section 7.3 “I2C
Address Selection – ADDSEL Pin”
–
USBDP
USB
USB mode: Data Plus
M7
GPIO1
I/O
VddIO
General purpose I/O; see Section 2.5.8 “GPIO Pins”
Connect to GND
M8
GPIO5
I/O
VddIO
General purpose I/O; see Section 2.5.8 “GPIO Pins”
Connect to GND
M9
PTCXY3
I/O
AVdd
Reserved for future use
Leave open
M10
GND
P
–
Ground
–
M11
Y20
S
AVdd
Y line connection
Leave open
M12
Y21
S
AVdd
Y line connection
Leave open
M13
Y22
S
AVdd
Y line connection
Leave open
N1
Y51
S
AVdd
Y line connection
Leave open
N2
Y50
S
AVdd
Y line connection
Leave open
N3
Y49
S
AVdd
Y line connection
Leave open
N4
AVDD
P
–
Analog power
–
N5
RESET
I
VddIO
Reset low. It is recommend that this line is connected
to the host system.
Pull up to VddIO
N6
VDD
P
–
Digital power
–
N7
VDDCORE
P
–
Digital core power
–
N8
VDDIO
P
–
Digital power
–
N9
PTCXY4
I/O
AVdd
Reserved for future use
Leave open
N10
AVDD
P
–
Analog power
–
N11
Y23
S
AVdd
Y line connection
Leave open
N12
Y24
S
AVdd
Y line connection
Leave open
N13
Y25
S
AVdd
Y line connection
Leave open
Key:
I
Input only
O
Output only
I/O
Input or output
OD
Open drain output
P
Ground or power
S
Sense pin
TABLE 1:
PIN LISTING – 136-BALL UFBGA (CONTINUED)
Ball
Name
Type
Supply
Description
If Unused...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com