công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MXT1664T3-CCUESRQTP bảng dữ liệu(PDF) 57 Page - Microchip Technology

tên linh kiện MXT1664T3-CCUESRQTP
Giải thích chi tiết về linh kiện  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCUESRQTP bảng dữ liệu(HTML) 57 Page - Microchip Technology

Back Button MXT1664T3-CCUESRQTP Datasheet HTML 53Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 54Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 55Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 56Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 57Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 58Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 59Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 60Page - Microchip Technology MXT1664T3-CCUESRQTP Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 57
10.5
Interface 1 (Digitizer HID)
Interface 1 is a Digitizer-class HID, compliant with HID specification 1.11 with amendments (an implementation of
Microsoft’s USB HID specification for multitouch digitizers).
This interface consists of a single interrupt-In endpoint (Endpoint 3).
10.5.1
TOUCH REPORT
The format of a Touch report is shown in Figure 10-20.
FIGURE 10-20:
TOUCH REPORT PACKET
In Figure 10-20:
• Rpt ID is the report ID for Touch reports (see Table 10-3 on page 50).
• Active Touch Status Data are 5 sets of data (11 bytes each) that describe the status of up to 5 active touches.
Any unused touch data bytes are set to zero.
• Scan Time is the timestamp associated with the report frame (in units of 100 µs).
• Count is the number of active touches in this Touch report.
If there are more than five active touches to be reported, a further report is sent with the remaining touch data. In this
case, the count (for all touches) is sent in the first count byte and the count byte in the last report is zero.
An example of the input report packets for 7 active touches is shown in Figure 10-21.
FIGURE 10-21:
EXAMPLE TOUCH REPORT PACKETS FOR 7 ACTIVE TOUCHES
The Touch report format depends on the geometry calculation field (TCHGEOMEN) of the Digitizer HID Configuration
T43 object. Table 10-4 and Table 10-5 on page 58 give the detailed format of an Touch report packet.
TABLE 10-4:
TOUCH REPORT FORMAT WHEN TCHGEOMEN IS ENABLED
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
USB Report ID
1
Touch ID (first touch)
Reserved
Status
2
Touch X Position LSByte (first touch)
3
0
0
0
0
Touch X Position MSBits (first touch)
4
Touch Center X Position LSByte (first touch)
5
0
0
0
0
Touch Center X Position MSBits (first touch)
6
Touch Y Position LSByte (first touch)
7
0
0
0
0
Touch Y Position MSBits (first touch)
8
Touch Center Y Position LSByte (first touch)
9
0
0
0
0
Touch Center Y Position MSBits (first touch)
Active Touch Status Data
Rpt ID
Scan Time
Packet
Count
LSByte MSByte Count
Reserved
(5 Bytes)
0x00
0x00
Touch 1
(11 Bytes)
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Touch 2
(11 Bytes)
Touch 3
(11 Bytes)
Touch 4
(11 Bytes)
Touch 5
(11 Bytes)
Touch 1
(11 Bytes)
Touch 3
(11 Bytes)
Touch 4
(11 Bytes)
Touch 5
(11 Bytes)
Touch 2
(11 Bytes)
Unused Touch Data Bytes
(33 Bytes)
0x00
0x00
Scan Time
Packet
Count
Touch 6
(11 Bytes)
LSB
MSB Count = 0
Rpt ID
Data
Data
Data
Data
LSB
MSB Count = 7
Rpt ID
Unused
(5 Bytes)
0x00
0x00
0x00
0x00
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Touch 7
(11 Bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com