công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W5500 bảng dữ liệu(PDF) 33 Page - WIZnet Co., Ltd

tên linh kiện W5500
Giải thích chi tiết về linh kiện  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIZNET [WIZnet Co., Ltd]
Trang chủ  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 bảng dữ liệu(HTML) 33 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 29Page - WIZnet Co., Ltd W5500 Datasheet HTML 30Page - WIZnet Co., Ltd W5500 Datasheet HTML 31Page - WIZnet Co., Ltd W5500 Datasheet HTML 32Page - WIZnet Co., Ltd W5500 Datasheet HTML 33Page - WIZnet Co., Ltd W5500 Datasheet HTML 34Page - WIZnet Co., Ltd W5500 Datasheet HTML 35Page - WIZnet Co., Ltd W5500 Datasheet HTML 36Page - WIZnet Co., Ltd W5500 Datasheet HTML 37Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
W5500 Datasheet Version1.0.9
33 / 66
0 : Disable Force ARP mode
1 : Enable Force ARP mode
In Force ARP mode, It forces on sending ARP Request whenever data is
sent.
0
Reserved
Reserved
GAR (Gateway IP Address Register) [R/W] [0x0001 – 0x0004] [0x00]
GAR configures the default gateway address.
Ex) In case of “192.168.0.1”
0x0001
0x0002
0x0003
0x0004
192 (0xC0)
168 (0xA8)
0 (0x00)
1 (0x01)
SUBR (Subnet Mask Register) [R/W] [0x0005 – 0x0008] [0x00]
SUBR configures the subnet mask address.
Ex) In case of “255.255.255.0”
0x0005
0x0006
0x0007
0x0008
255 (0xFF)
255 (0xFF)
255 (0xFF)
0 (0x00)
SHAR (Source Hardware Address Register) [R/W] [0x0009 – 0x000E] [0x00]
SHAR configures the source hardware address.
Ex) In case of “00.08.DC.01.02.03”
0x0009
0x000A
0x000B
0x000C
0x000D
0x000E
0x00
0x08
0xDC
0x01
0x02
0x03
SIPR (Source IP Address Register) [R/W] [0x000F – 0x0012] [0x00]
SIPR configures the source IP address.
Ex) In case of “192.168.0.2”
0x000F
0x0010
0x0011
0x0012
192 (0xC0)
168 (0xA8)
0 (0x00)
2 (0x02)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66