công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

W5500 bảng dữ liệu(PDF) 28 Page - WIZnet Co., Ltd

tên linh kiện W5500
Giải thích chi tiết về linh kiện  Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WIZNET [WIZnet Co., Ltd]
Trang chủ  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5500 bảng dữ liệu(HTML) 28 Page - WIZnet Co., Ltd

Back Button W5500 Datasheet HTML 24Page - WIZnet Co., Ltd W5500 Datasheet HTML 25Page - WIZnet Co., Ltd W5500 Datasheet HTML 26Page - WIZnet Co., Ltd W5500 Datasheet HTML 27Page - WIZnet Co., Ltd W5500 Datasheet HTML 28Page - WIZnet Co., Ltd W5500 Datasheet HTML 29Page - WIZnet Co., Ltd W5500 Datasheet HTML 30Page - WIZnet Co., Ltd W5500 Datasheet HTML 31Page - WIZnet Co., Ltd W5500 Datasheet HTML 32Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
28 / 66
W5500 Datasheet Version1.0.9
Figure 20. Register & Memory Organization
Block Select Bits
Blocks
Physical
16KB RX Memory
16bit Offset Address
Valid Range
11111 (0x1F)
11110 (0x1E)
11101 (0x1E)
11100 (0x1C)
11011 (0x1B)
11010 (0x1A)
11001 (0x19)
11000 (0x18)
10111 (0x17)
10110 (0x16)
10101 (0x15)
10011 (0x13)
10010 (0x12)
10001 (0x11)
01000 (0x10)
01111 (0x0F)
01110 (0x0E)
01101 (0x0D)
01100 (0x0C)
01011 (0x0B)
01010 (0x0A)
01001 (0x09)
01000 (0x08)
00111 (0x07)
00110 (0x06)
00101 (0x05)
00011 (0x03)
00010 (0x02)
00001 (0x01)
00000 (0x00)
00100 (0x04)
10100 (0x14)
Socket 7 RX Buffer
Socket 7 TX Buffer
Socket 7 Register
Reserved
Socket 6 RX Buffer
Socket 6 TX Buffer
Socket 6 Register
Reserved
Socket 5 RX Buffer
Socket 5 TX Buffer
Socket 5 Register
Socket 4 RX Buffer
Socket 4 TX Buffer
Socket 4 Register
Reserved
Socket 3 RX Buffer
Socket 3 TX Buffer
Socket 3 Register
Reserved
Socket 2 RX Buffer
Socket 2 TX Buffer
Socket 2 Register
Reserved
Socket 1 RX Buffer
Socket 1 TX Buffer
Socket 1 Register
Reserved
Socket 0 RX Buffer
Socket 0 TX Buffer
Socket 0 Register
Common Register
Reserved
Common Register
0x0000
Reserved
0x0039
0x003A
0xFFFF
Socket 0 Register
Reserved
0x0000
0x0030
0x0031
0xFFFF
Socket 1 TX Buffer
0x0000
0x07FF
0x0800
0xFFFF
0x0FFF
0x1000
0xEFFF
0xF000
0xF7FF
0xF800
Socket 7 RX Buffer
0x0000
0x07FF
0x0800
0xFFFF
0x0FFF
0x1000
0xEFFF
0xF000
0xF7FF
0xF800
0x413C
0x0000
0x1000
0x0800
0x1800
0x2000
0x2800
0x3000
0x3800
0x3FFF
Socket 0
TX Bufer (2KB)
Socket 1
TX Buffer (2KB)
Socket 2
TX Buffer (2KB)
Socket 3
TX Buffer (2KB)
Socket 4
TX Buffer (2KB)
Socket 5
TX Buffer (2KB)
Socket 6
TX Buffer (2KB)
Socket 7
TX Buffer (2KB)
0x093C
0x0FFF
0x9E2C
0x0000
0x1000
0x0800
0x1800
0x2000
0x2800
0x3000
0x3800
0x3FFF
Socket 0
RX Buffer (2KB)
Socket 1
RX Buffer (2KB)
Socket 2
RX Buffer (2KB)
Socket 3
RX Buffer (2KB)
Socket 4
RX Buffer (2KB)
Socket 5
RX Buffer (2KB)
Socket 6
RX Buffer (2KB)
Socket 7
RX Buffer (2KB)
0x3E2C
0x0FFF
Physical
16KB TX Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66