| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LSM9DS1TR bảng dữ liệu(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM9DS1TR bảng dữ liệu(HTML) 60 Page - STMicroelectronics |
|
60 / 72 page ![]() Accelerometer and gyroscope register description LSM9DS1 60/72 DocID025715 Rev 3 Table 100. INT_GEN_DUR_G register description The DUR_G [6:0] bits set the minimum duration of the interrupt event to be recognized. Duration steps and maximum values depend on the ODR chosen. The WAIT_G bit has the following meaning: ‘0’: the interrupt falls immediately if the signal crosses the selected threshold ‘1’: if the signal crosses the selected threshold, the interrupt falls after a number of samples equal to the value of the duration counter register. For further details refer to Figure 29 and Figure 30. Figure 29. Wait bit disabled WAIT_G Exit from interrupt wait function enable. Default value: 0 (0: wait function off; 1: wait for DUR_G [6:0] samples before exiting interrupt) DUR_G [6:0] Enter/exit interrupt duration value. Default Value: 000 0000 |