công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LSM9DS1TR bảng dữ liệu(PDF) 53 Page - STMicroelectronics

tên linh kiện LSM9DS1TR
Giải thích chi tiết về linh kiện  iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM9DS1TR bảng dữ liệu(HTML) 53 Page - STMicroelectronics

Back Button LSM9DS1TR Datasheet HTML 49Page - STMicroelectronics LSM9DS1TR Datasheet HTML 50Page - STMicroelectronics LSM9DS1TR Datasheet HTML 51Page - STMicroelectronics LSM9DS1TR Datasheet HTML 52Page - STMicroelectronics LSM9DS1TR Datasheet HTML 53Page - STMicroelectronics LSM9DS1TR Datasheet HTML 54Page - STMicroelectronics LSM9DS1TR Datasheet HTML 55Page - STMicroelectronics LSM9DS1TR Datasheet HTML 56Page - STMicroelectronics LSM9DS1TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
DocID025715 Rev 3
53/72
LSM9DS1
Accelerometer and gyroscope register description
72
7.26
CTRL_REG8 (22h)
Control register 8.
Table 70. CTRL_REG7_XL register description
HR
High resolution mode for accelerometer enable. Default value: 0
(0: disabled; 1: enabled). Refer to Table 71
DCF[1:0]
Accelerometer digital filter (high pass and low pass) cutoff frequency selection: the band-
width of the high-pass filter depends on the selected ODR. Refer to Table 71
FDS
Filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
HPIS1
High-pass filter enabled for acceleration sensor interrupt function on Interrupt. Default
value: 0
(0: filter bypassed; 1: filter enabled)
Table 71. Low pass cutoff frequency in high resolution mode (HR = 1)
HR
CTRL_REG7 (DCF [1:0])
LP cutoff freq. [Hz]
1
00
ODR/50
1
01
ODR/100
1
10
ODR/9
1
11
ODR/400
Table 72. CTRL_REG8 register
BOOT
BDU
H_LACTIVE
PP_OD
SIM
IF_ADD_INC
BLE
SW_RESET
Table 73. CTRL_REG8 register description
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content(1))
1. Boot request is executed as soon as internal oscillator is turned-on. It is possible to set bit while in power-
down mode, in this case it will be served at the next normal mode or sleep mode.
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB read)
H_LACTIVE
Interrupt activation level. Default value: 0
(0: interrupt output pins active high; 1: interrupt output pins active low)
PP_OD
Push-pull/open-drain selection on the INT1_A/G pin and INT2_A/G pin.
Default value: 0
(0: push-pull mode; 1: open-drain mode)
SIM
SPI serial interface mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface).
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI). Default value: 1
(0: disabled; 1: enabled)
BLE
Big/Little Endian data selection. Default value 0
(0: data LSB @ lower address; 1: data MSB @ lower address)
SW_RESET
Software reset. Default value: 0
(0: normal mode; 1: reset device)
This bit is cleared by hardware after next flash boot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72