| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R200 bảng dữ liệu(PDF) 37 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
R200 bảng dữ liệu(HTML) 37 Page - Intel Corporation |
|
37 / 51 page ![]() System Integration 334616-001 37 7.10.1 Cable TX to RX Crossover Standard USB3.0 requires the cable to cross the host TX to the device RX and the host RX to the device TX. For the R200 module, it is recommended not to cross over the signals in the cable to allow cable wiring to be flat and as thin as possible. The modules do not cross over the TX and RX signals, it is necessary to do this on the platform motherboard. Figure 7-15. Example of Host Platform Motherboard Routing 7.10.2 Power Gate Circuit It is required that the host platform is able to gate power to the R200 module. The power gate must be controllable via an ACPI and BIOS controllable GPIO. It is recommended for the implementation to be able to vary the delay from when the GPIO is asserted to when the ACPI code notifies the OS the device is powered. |