| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R200 bảng dữ liệu(PDF) 23 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
R200 bảng dữ liệu(HTML) 23 Page - Intel Corporation |
|
23 / 51 page ![]() System Interoperability 334616-001 23 6 System Interoperability 6.1 USB Composite Device The R200 ASIC is a USB3 composite device which exposes all hardware endpoints to the operating system. The ASIC is a bulk device and transmits depth and color videos streams in data bursts rather than as constant video streams. The camera module is compliant with the USB3.0 specification. The module does not support USB2.0 connections and does not route the USB2.0 pins. In the case of a USB3.0 link training failure it is possible that the module will not be detected. Because the module is an integrated device, it is not expected for the module to encounter USB3.0 link training failures. Intel® RealSense™ 3D Camera (R200), has passed the USB-IF Test Procedure for SuperSpeed products, and is posted on the USB-IF Integrators List. Product Name: Intel® RealSense™ 3D Camera/ R200 Product Test ID: 310000173 Figure 6-1. USB Composite Device Hardware ID Hardware ID Bits Value Vendor ID [15:0] 0x8086 Device ID [15:0] 0x0A80 Revision ID [15:12] Firmware Major Version [11:5] Firmware Minor Version [4:0] Firmware Sub-Minor Version 6.1.1 Device Endpoints Table 6-1. USB Composite Device Endpoints Endpoint USB Composite Device Intel® RealSense™ 3D Camera (R200) RGB Intel® RealSense™ 3D Camera (R200) Depth Intel® RealSense™ 3D Camera (R200) Left-Right |