| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC55S6X bảng dữ liệu(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC55S6X bảng dữ liệu(HTML) 96 Page - NXP Semiconductors |
|
96 / 128 page ![]() LPC55S6x All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2020. All rights reserved. Product data sheet Rev. 1.9 — 10 February 2020 96 of 128 NXP Semiconductors LPC55S6x 32-bit ARM Cortex-M33 microcontroller 12. Analog characteristics 12.1 BODVBAT Brown-out detector to monitor the voltage of VBAT. If the voltage falls below one of the selected voltages, the BOD asserts an interrupt to the NVIC or issues a reset. Single low threshold detection level (programmable trip low level) is used for either BOD interrupt or BOD reset. Hysteresis control on the BOD is programmable. Please refer to UM11126 for further details. Table 36. BOD static characteristics Tamb =25 C; based on characterization; not tested in production. Please refer to UM11126 for further details. Symbol Parameter Conditions Min Typ Max Unit Vth threshold voltage (TRIGLVL) -1.00 - V -1.10 - V -1.20 - V -1.30 - V -1.40 - V -1.50 - V -1.60 - V -1.65 - V -1.70 - V -1.75 - V -1.80 - V -1.90 - V -2.00 - V -2.10 - V -2.20 - V -2.30 - V -2.40 - V -2.50 - V -2.60 - V -2.70 - V -2.806 - V -2.90 - V -3.00 - V -3.10 - V -3.20 - V -3.30 - V -3.30 - V -3.30 - V -3.30 - V -3.30 - V -3.30 - V -3.30 - V |