| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250 bảng dữ liệu(PDF) 435 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 bảng dữ liệu(HTML) 435 Page - Exar Corporation |
|
435 / 463 page ![]() XRT7250 áç áç áç áç DS3/E3 FRAMER IC REV. 1.1.1 416 Figure 205 presents the typical behavior of the Re- ceive Overhead Data Output Interface block, when Method 1 is being used to sample the incoming E3 overhead bits. 41 NR Byte - Bit 6 42 NR Byte - Bit 5 43 NR Byte - Bit 4 44 NR Byte - Bit 3 45 NR Byte - Bit 2 46 NR Byte - Bit 1 47 NR Byte - Bit 0 48 GC Byte - Bit 7 49 GC Byte - Bit 6 50 GC Byte - Bit 5 51 GC Byte - Bit 4 52 GC Byte - Bit 3 53 GC Byte - Bit 2 54 GC Byte - Bit 1 55 GC Byte - Bit 0 TABLE 88: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN RXOHCLK, (SINCE RXOHFRAME WAS LAST SAMPLED "HIGH") TO THE E3 OVERHEAD BIT, THAT IS BEING OUTPUT VIA THE RXOH OUTPUT PIN NUMBER OF RISING CLOCK EDGES IN RXOHCLK THE OVERHEAD BIT BEING OUTPUT BY THE XRT7250 |