| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250 bảng dữ liệu(PDF) 409 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 bảng dữ liệu(HTML) 409 Page - Exar Corporation |
|
409 / 463 page ![]() XRT7250 áç áç áç áç DS3/E3 FRAMER IC REV. 1.1.1 390 6.3.2 The Receive E3 Framer Block The Receive E3 Framer block accepts decoded E3 data from the Receive E3 LIU Interface block, and routes data to the following destinations. • The Receive Payload Data Output Interface Block • The Receive Overhead Data Output Interface Block. • The Receive E3 HDLC Controller Block Figure 193 presents a simple illustration of the Re- ceive E3 Framer block, along with the associated paths to the other functional blocks within the Framer chip. FIGURE 191. WAVEFORM/TIMING RELATIONSHIP BETWEEN RXLINECLK, RXPOS AND RXNEG - WHEN RXPOS AND RXNEG ARE TO BE SAMPLED ON THE RISING EDGE OF RXLINECLK RxLineClk RxPOS RxNEG t38 t39 t42 FIGURE 192. WAVEFORM/TIMING RELATIONSHIP BETWEEN RXLINECLK, RXPOS AND RXNEG - WHEN RXPOS AND RXNEG ARE TO BE SAMPLED ON THE FALLING EDGE OF RXLINECLK RxLineClk RxPOS RxNEG t40 t41 |