| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250 bảng dữ liệu(PDF) 233 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 bảng dữ liệu(HTML) 233 Page - Exar Corporation |
|
233 / 463 page ![]() XRT7250 DS3/E3 FRAMER IC áç áç áç áç REV. 1.1.1 214 Figure 91 presents the typical behavior of the Re- ceive Overhead Data Output Interface block, when Method 2 is being used to sample the incoming DS3 overhead bits. 39 F1 40 M1 41 F1 42 UDL 43 FO 44 UDL 45 FO 46 UDL 47 F1 48 M0 49 F1 50 UDL 51 F0 52 UDL 53 F0 54 UDL 55 F1 TABLE 44: THE RELATIONSHIP BETWEEN THE NUMBER OF RXOHENABLE OUTPUT PULSES ((SINCE RXOHFRAME WAS LAST SAMPLED "HIGH") TO THE DS3 OVERHEAD BIT, THAT IS BEING OUTPUT VIA THE RXOH OUTPUT PIN NUMBER OF RXOHENABLE OUTPUT PULSES THE OVERHEAD BIT BEING OUTPUT BY THE XRT7250 |