| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250 bảng dữ liệu(PDF) 216 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250 bảng dữ liệu(HTML) 216 Page - Exar Corporation |
|
216 / 463 page ![]() áç áç áç áç DS3/E3 FRAMER IC XRT7250 REV. 1.1.1 197 When the µP reads these registers, it will read in the number of parity-bit errors that have been detected by the Receive DS3 Framer block, since the last time these registers were read. These registers are reset upon read. NOTE: When the Framing with Parity option is selected, the Receive DS3 Framer block will declared an OOF condition if P-bit errors were detected in two out of 5 consecutive DS3 M-frames. 3.3.2.6.2 CP-Bit Checking/Options CP-bits are very similar to P-bits except for the follow- ing. 1. CP-bits are used to permit performance monitor- ing over an entire DS3 path (e.g., from the source terminal) through any number of mid-network ter- minals to the sink terminal). 2. P-bits are used to permit performance monitoring of a DS3 data stream, as it is transmitted from one terminal to an adjacent terminal. How CP-Bits are Processed The following section describes how the CP-bits are processed at three locations. • The Source Terminal Equipment • The Mid-Network Terminal Equipment • The Sink Terminal Equipment Figure_62 presents a simple illustration of the loca- tions of these three types of Terminal Equipment, within the Wide-Area Network. NOTE: The use of the terms Source and Sink Terminal Equipment are used to simplify this discussion of CP-Bit Processing. In reality, the Source Terminal Equipment (in Figure_62) will also function as the Sink Terminal Equip- ment (for DS3 traffic traveling in the opposite direction). Likewise, the Sink Terminal Equipment (in Figure_62) will also function as the Source Terminal Equipment. Processing at the Source Terminal Equipment PMON PARITY ERROR EVENT COUNT REGISTER - LSB (ADDRESS = 0X55) BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0 Parity Error Count - "Low" Byte RO RO RO RO RO RO RO RO 0 0000 000 FIGURE 82. A SIMPLE ILLUSTRATION OF THE LOCATIONS OF THE SOURCE, MID-NETWORK AND SINK TERMINAL EQUIPMENT (FOR CP-BIT PROCESSING) Source Terminal Equipment Source Terminal Equipment Sink Terminal Equipment Sink Terminal Equipment Mid-Network Terminal Equipment Mid-Network Terminal Equipment The Wide Area Network Customer Premises Equipment Customer Premises Equipment Customer Premises Equipment Customer Premises Equipment |