công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8428PDYYR bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện DRV8428PDYYR
Giải thích chi tiết về linh kiện  DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428PDYYR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button DRV8428PDYYR Datasheet HTML 4Page - Texas Instruments DRV8428PDYYR Datasheet HTML 5Page - Texas Instruments DRV8428PDYYR Datasheet HTML 6Page - Texas Instruments DRV8428PDYYR Datasheet HTML 7Page - Texas Instruments DRV8428PDYYR Datasheet HTML 8Page - Texas Instruments DRV8428PDYYR Datasheet HTML 9Page - Texas Instruments DRV8428PDYYR Datasheet HTML 10Page - Texas Instruments DRV8428PDYYR Datasheet HTML 11Page - Texas Instruments DRV8428PDYYR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
DRV8428E, DRV8428P
SLOSE51 – JUNE 2020
www.ti.com
Product Folder Links: DRV8428E DRV8428P
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.5 Electrical Characteristics
Typical values are at TA = 25°C and VVM = 24 V. All limits are over recommended operating conditions, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, DVDD)
IVM
VM operating supply current
nSLEEP = 1, No motor load
5
6.5
mA
IVMQ
VM sleep mode supply current
nSLEEP = 0
2
4
μA
tSLEEP
Sleep time
nSLEEP = 0 to sleep-mode
120
μs
tRESET
nSLEEP reset pulse
nSLEEP low to clear fault
20
40
μs
tWAKE
Wake-up time
nSLEEP = 1 to output transition
0.8
1.2
ms
tON
Turn-on time
VM > UVLO to output transition
0.8
1.2
ms
VDVDD
Internal regulator voltage
No external load, 6 V < VVM < 33 V
4.5
5
5.5
V
LOGIC-LEVEL INPUTS (APH, AEN, BPH, BEN, AIN1, AIN2, BIN1, BIN2, nSLEEP)
VIL
Input logic-low voltage
0
0.6
V
VIH
Input logic-high voltage
1.5
5.5
V
VHYS
Input logic hysteresis
150
mV
IIL
Input logic-low current
VIN = 0 V
–1
1
μA
IIH
Input logic-high current
VIN = 5 V
100
μA
tPD
Propagation delay
xPH, xEN, xINx input to current
change
750
ns
SEVEN-LEVEL INPUT (DECAY/TOFF)
VI1
Voltage level 1
Tied to GND
0
0.1
V
VI2
Voltage level 2
14.7k
Ω ± 1% to GND
0.2
0.35
V
VI3
Voltage level 3
44.2k
Ω ± 1% to GND
0.55
0.8
V
VI4
Voltage level 4
100k
Ω ± 1% to GND
1
1.25
V
VI5
Voltage level 5
249k
Ω ± 1% to GND
1.5
1.75
V
VI6
Voltage level 6
Hi-Z
2.1
2.35
V
VI7
Voltage level 7
Tied to DVDD
3
5.5
V
IO
Output pull-up current
22.5
μA
MOTOR DRIVER OUTPUTS (AOUT1, AOUT2, BOUT1, BOUT2)
RDS(ONH)
High-side FET on resistance
VVM = 24 V, TJ = 25 °C, IO = -0.5 A
750
900
m
Ω
VVM = 24 V, TJ = 125 °C, IO = -0.5 A
1130
1400
m
Ω
VVM = 24 V, TJ = 150 °C, IO = -0.5 A
1250
1590
m
Ω
RDS(ONL)
Low-side FET on resistance
VVM = 24 V, TJ = 25 °C, IO = 0.5 A
750
900
m
Ω
VVM = 24 V, TJ = 125 °C, IO = 0.5 A
1130
1400
m
Ω
VVM = 24 V, TJ = 150 °C, IO = 0.5 A
1250
1590
m
Ω
tSR
Output slew rate
VM = 24V, IO = 0.5 A, Between 10%
and 90%
240
V/µs
PWM CURRENT CONTROL (VREFA, VREFB)
KV
Transimpedance gain
VREF = 3 V
2.85
3
3.15
V/A
tOFF
PWM off-time, mixed 30% decay
DECAY/TOFF = 14.7k
Ω to GND
7
μs
DECAY/TOFF = 44.2k
Ω to GND
16
DECAY/TOFF = 100k
Ω to GND
32
PWM off-time, smart tune
dynamic decay
DECAY/TOFF = 249k
Ω to GND
7
DECAY/TOFF = Hi-Z
16
DECAY/TOFF = DVDD
32
ΔITRIP
Current trip accuracy
IO = 1 A, 10% to 20% current setting
–15
15
%
IO = 1 A, 20% to 67% current setting
–10
10
IO = 1 A, 68% to 100% current setting
-5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com