công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M36D0R6040T0 bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện M36D0R6040T0
Giải thích chi tiết về linh kiện  64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36D0R6040T0 bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button M36D0R6040T0 Datasheet HTML 9Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 10Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 11Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 12Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 13Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 14Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 15Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 16Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
M36D0R6040T0, M36D0R6040B0
Table 7. Flash Memory DC Characteristics - Currents
Note: 1. Sampled only, not 100% tested.
2. VDDF Dual Operation current is the sum of read and program or erase currents.
Table 8. Flash Memory DC Characteristics - Voltages
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDF
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VDDF
±1
µA
IDD1
Supply Current
Asynchronous Read (f=6MHz)
EF = VIL, GF = VIH
36
mA
IDD2
Supply Current
(Reset)
RPF = VSSF ± 0.2V
10
50
µA
IDD3
Supply Current (Standby)
EF = VDDF ± 0.2V
10
50
µA
IDD4
Supply Current (Automatic
Standby)
EF = VIL, GF = VIH
10
50
µA
IDD5
(1)
Supply Current (Program)
VPPF = VPPH
815
mA
VPPF = VDDF
10
20
mA
Supply Current (Erase)
VPPF = VPPH
815
mA
VPPF = VDDF
10
20
mA
IDD6
(1,2)
Supply Current
(Dual Operations)
Program/Erase in one
Bank, Asynchronous
Read in another Bank
13
26
mA
IDD7
(1)
Supply Current Program/ Erase
Suspended (Standby)
EF = VDDF ± 0.2V
10
50
µA
IPP1
(1)
VPPF Supply Current (Program)
VPPF = VPPH
25
mA
VPPF = VDDF
0.2
5
µA
VPPF Supply Current (Erase)
VPPF = VPPH
25
mA
VPPF = VDDF
0.2
5
µA
IPP2
VPPF Supply Current (Read)
VPPF ≤ VDDF
0.2
5
µA
IPP3
(1)
VPPF Supply Current (Standby)
VPPF ≤ VDDF
0.2
5
µA
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VIL
Input Low Voltage
–0.5
0.4
V
VIH
Input High Voltage
VDDF –0.4
VDDF + 0.4
V
VOL
Output Low Voltage
IOL = 100µA
0.1
V
VOH
Output High Voltage
IOH = –100µA
VDDF –0.1
V
VPP1
VPPF Program Voltage-Logic
Program, Erase
1
1.8
3.3
V
VPPH
VPPF Program Voltage Factory
Program, Erase
11.4
12
12.6
V
VPPLK
Program or Erase Lockout
0.4
V
VLKO
VDDF Lock Voltage
1V
VRPH
RPF pin Extended High Voltage
3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com