công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M36D0R6040T0 bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện M36D0R6040T0
Giải thích chi tiết về linh kiện  64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36D0R6040T0 bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button M36D0R6040T0 Datasheet HTML 3Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 4Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 5Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 6Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 7Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 8Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 9Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 10Page - STMicroelectronics M36D0R6040T0 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
M36D0R6040T0, M36D0R6040B0
If VPPF is kept in a low voltage range (0V to VDDF)
VPPF is seen as a control input. In this case a volt-
age lower than VPPLKF gives an absolute protec-
tion against Program or Erase, while VPPF > VPP1F
enables these functions (see Tables 7 and 8, DC
Characteristics for the relevant values). VPPF is
only sampled at the beginning of a Program or
Erase; a change in its value after the operation has
started does not have any effect and Program or
Erase operations continue.
If VPPF is in the range of VPPHF it acts as a power
supply pin. In this condition VPPF must be stable
until the Program/Erase algorithm is completed.
VSS Ground. VSS is the common ground refer-
ence for all voltage measurements in the Flash
(core and I/O Buffers) and PSRAM chips.
Note: Each Flash memory device in a system
should have its supply voltage (VDDF) and the
program supply voltage VPPF decoupled with a
0.1µF ceramic capacitor close to the pin (high
frequency, inherently low inductance capaci-
tors should be as close as possible to the
package). See Table 5., AC Measurement Load
Circuit. The PCB track widths should be suffi-
cient to carry the required VPPF program and
erase currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com