công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HSP45256/883 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện HSP45256/883
Giải thích chi tiết về linh kiện  Binary Correlator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45256/883 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  HSP45256/883 Datasheet HTML 1Page - Intersil Corporation HSP45256/883 Datasheet HTML 2Page - Intersil Corporation HSP45256/883 Datasheet HTML 3Page - Intersil Corporation HSP45256/883 Datasheet HTML 4Page - Intersil Corporation HSP45256/883 Datasheet HTML 5Page - Intersil Corporation HSP45256/883 Datasheet HTML 6Page - Intersil Corporation HSP45256/883 Datasheet HTML 7Page - Intersil Corporation HSP45256/883 Datasheet HTML 8Page - Intersil Corporation HSP45256/883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
TM
December 1999
HSP45256/883
Binary Correlator
Features
• This Circuit is Processed in Accordance to MIL-STD-
883 and is Fully Conformant Under the Provisions of
Paragraph 1.2.1.
• Reconfigurable 256 Stage Binary Correlator
• 1-Bit Reference x 1, 2, 4, or 8-Bit Data
• Separate Control and Reference Interfaces
• Configurable for 1-D and 2-D Operation
• Double Buffered Mask and Reference
• Programmable Output Delay
• Cascadable
• Standard Microprocessor Interface
Applications
• Radar/Sonar
• Spread Spectrum Communications
• Pattern/Character Recognition
• Error Correction Coding
Description
The Intersil HSP45256/883 is a high-speed, 256 tap binary
correlator. It can be configured to perform one-dimensional
or two-dimensional correlations of selectable data precision
and length. Multiple HSP45256’s can be cascaded for
increased correlation length. Unused taps can be masked
out for reduced correlation length.
The correlation array consists of eight 32-tap stages. These
may be cascaded internally to compare 1, 2, 4 or 8-bit input
data with a 1-bit reference. Depending on the number of bits
in the input data, the length of the correlation can be up to
256, 128, 64, or 32 taps. The HSP45256 can also be
configured as two separate correlators with window sizes
from 4 by 32 to 1 by 128 each. The Mask Register can be
used to prevent any subset of the 256 bits from contributing
to the correlation score.
The9- output of the correlation array (correlation score)
feeds the weight and sum logic, which gives added flexibility
to the data format. In addition, an offset register is provided
so that a preprogrammed value can be added to the correla-
tion score. This result is then passed through a user pro-
grammable delay stage to the cascade summer. The delay
stage simplifies the cascading of multiple correlators by
compensating for the latency of previous correlators.
The Binary Correlator is configured by writing a set of control
registers via a standard microprocessor interface. To simplify
operation, both the Control and Reference Registers are
double buffered. This allows the user to load new mask and
reference data while the current correlation is in progress.
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HSP45256GM-20/883
-55 to 125
85 Ld CPGA
G85.A
HSP45256GM-25/883
-55 to 125
85 Ld CPGA
G85.A
256 TAP
CORRELATION
ARRAY
CONTROL
WEIGHT
AND SUM
MUX
DELAY
CASCADE
SUMMER
DIN0-7
DREF0-7
DCONT0-7
A0-2
CASIN0-12
AUXOUT0-8
CASOUT0-12
DOUT0-7
FN2997.4
FOR
A PO
SSIB
LE SU
BSTIT
UTE P
RODU
CT
call C
entra
l App
licatio
ns 1-8
88-IN
TERS
IL
or em
ail: c
entap
p@in
tersil
.com
OBSO
LETE
PROD
UCT
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Số phần tương tự - HSP45256/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
HSP45256 INTERSIL-HSP45256 Datasheet
154Kb / 23P
Binary Correlator
1999 05
HSP45256GC-25 INTERSIL-HSP45256GC-25 Datasheet
154Kb / 23P
Binary Correlator
1999 05
HSP45256GC-33 INTERSIL-HSP45256GC-33 Datasheet
154Kb / 23P
Binary Correlator
1999 05
HSP45256JC-25 INTERSIL-HSP45256JC-25 Datasheet
154Kb / 23P
Binary Correlator
1999 05
HSP45256JC-33 INTERSIL-HSP45256JC-33 Datasheet
154Kb / 23P
Binary Correlator
1999 05
More results

Mô tả tương tự - HSP45256/883

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCS38140PG05C MOTOROLA-MCS38140PG05C Datasheet
188Kb / 10P
GPS Digital Correlator
logo
ON Semiconductor
MC10178 ONSEMI-MC10178 Datasheet
109Kb / 5P
Binary Counter
1996 REV 5
logo
Toshiba Semiconductor
TC5027BP TOSHIBA-TC5027BP Datasheet
197Kb / 4P
BINARY COUNTER
logo
Intersil Corporation
HSP45256 INTERSIL-HSP45256 Datasheet
154Kb / 23P
Binary Correlator
1999 05
logo
Mitel Networks Corporat...
GP2021 MITEL-GP2021 Datasheet
372Kb / 62P
GPS 12 channel Correlator Advance Information
logo
Zarlink Semiconductor I...
GP1020 ZARLINK-GP1020 Datasheet
345Kb / 44P
SIX-CHANNEL PARALLEL CORRELATOR CIRCUIT FOR GPS OR GLONASS RECEIVERS
logo
Motorola, Inc
MPG1654 MOTOROLA-MPG1654 Datasheet
204Kb / 6P
Binary Counter
logo
ON Semiconductor
MC10178 ONSEMI-MC10178_02 Datasheet
112Kb / 8P
Binary Counter
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10154 MOTOROLA-MC10154 Datasheet
85Kb / 4P
Binary Counter
logo
M/A-COM Technology Solu...
906R5K-SP03 MA-COM-906R5K-SP03 Datasheet
577Kb / 3P
Binary Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com