công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HSP45256/883 bảng dữ liệu(PDF) 9 Page - Intersil Corporation

tên linh kiện HSP45256/883
Giải thích chi tiết về linh kiện  Binary Correlator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45256/883 bảng dữ liệu(HTML) 9 Page - Intersil Corporation

  HSP45256/883 Datasheet HTML 1Page - Intersil Corporation HSP45256/883 Datasheet HTML 2Page - Intersil Corporation HSP45256/883 Datasheet HTML 3Page - Intersil Corporation HSP45256/883 Datasheet HTML 4Page - Intersil Corporation HSP45256/883 Datasheet HTML 5Page - Intersil Corporation HSP45256/883 Datasheet HTML 6Page - Intersil Corporation HSP45256/883 Datasheet HTML 7Page - Intersil Corporation HSP45256/883 Datasheet HTML 8Page - Intersil Corporation HSP45256/883 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9-9
Metal Topology
DIE DIMENSIONS:
254 mils x 214 mils x 19
± 1 mil
METALLIZATION:
Type: Si - Al or Si-Al-Cu
Thickness: 8k
Å
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å
WORST CASE CURRENT DENSITY:
0.96 x 105 A/cm2
B3
CASIN3
F4
E2
DIN5
F6
J1
DREF3
F7
L4
A2
F11
B4
CASIN6
F7
E3
DIN6
F7
J2
DREF1
F5
L5
DCONT7
F8
B5
CASIN9
F3
E9
DOUT0
VCC/2
J5
A1
F10
L6
DCONT1
F5
B6
CASOUT2
VCC/2
E10
DOUT1
VCC/2
J6
DCONT5
F6
L7
DCONT3
F7
B7
CASOUT1
VCC/2
E11
DOUT2
VCC/2
J7
DCONT4
F8
L8
DCONT0
F4
B8
CASOUT4
VCC/2
F1
DREF6
F7
J10
GND
GND
L9
AUXOUT8
VCC/2
B9
CASOUT6
VCC/2
F2
DIN3
F4
J11
AUXOUT2
VCC/2
L10
AUXOUT7
VCC/2
B10
CASOUT7
VCC/2
F3
DIN2
F3
K1
DREF2
F6
L11
AUXOUT5
VCC/2
NOTES:
10. VCC/2 (2.7V ±10%) used for outputs only.
11. 47k
Ω (±20%) resistor connected to all pins except VCC and GND.
12. VCC = 5.5 ± 0.5V.
13. 0.1
µF (min) capacitor between VCC and GND per position.
14. FO = 100kHz
± 10%, F1 = F0/2, F2 = F1/2 . . . F11 = F10/2, 40 - 60% Duty Cycle.
15. Input Voltage Limits: VIL = 0.8V max, VIH = 4.5 ± 10%.
(Continued)
PGA
PIN
PIN
NAME
BURN-IN
SIGNAL
PGA
PIN
PIN
NAME
BURN-IN
SIGNAL
PGA
PIN
PIN
NAME
BURN-IN
SIGNAL
PGA
PIN
PIN
NAME
BURN-IN
SIGNAL
HSP45256/883
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice.
Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reli-
able. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com