công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXC2T245 bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AXC2T245
Giải thích chi tiết về linh kiện  SN74AXC2T245 2-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and Tri-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC2T245 bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button SN74AXC2T245 Datasheet HTML 17Page - Texas Instruments SN74AXC2T245 Datasheet HTML 18Page - Texas Instruments SN74AXC2T245 Datasheet HTML 19Page - Texas Instruments SN74AXC2T245 Datasheet HTML 20Page - Texas Instruments SN74AXC2T245 Datasheet HTML 21Page - Texas Instruments SN74AXC2T245 Datasheet HTML 22Page - Texas Instruments SN74AXC2T245 Datasheet HTML 23Page - Texas Instruments SN74AXC2T245 Datasheet HTML 24Page - Texas Instruments SN74AXC2T245 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
SoC
Bluetooth
Module
B1
VCCA
VCCB
DIR1
A1
0.7 V
3.3 V
0.1 µF
0.1 µF
SN74AXC2T245
GND
RX
TX
DIR2
OE
B2
A2
TX
RX
GPIO1
Pullup Resistors keep device disabled
during power up. OE input may also be
tied to GND to keep device enabled
21
SN74AXC2T245
www.ti.com
SCES879 – MAY 2020
Product Folder Links: SN74AXC2T245
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74AXC2T245 device can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The SN74AXC2T245 device is ideal for use in
applications where a push-pull driver is connected to the data I/Os. The max data rate can be up to 380 Mbps
when device translates a signal from 1.8 V to 3.3 V.
One example application is shown in Figure 6, where the SN74AXC2T245 device is used to translate low voltage
UART signals from a CPU to a higher voltage signal to properly drive the inputs of a bluetooth module.
9.2 Typical Application
Figure 6. 2-Pin UART Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com