công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSL4120T bảng dữ liệu(PDF) 14 Page - NXP Semiconductors

tên linh kiện SSL4120T
Giải thích chi tiết về linh kiện  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T bảng dữ liệu(HTML) 14 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 10Page - NXP Semiconductors SSL4120T Datasheet HTML 11Page - NXP Semiconductors SSL4120T Datasheet HTML 12Page - NXP Semiconductors SSL4120T Datasheet HTML 13Page - NXP Semiconductors SSL4120T Datasheet HTML 14Page - NXP Semiconductors SSL4120T Datasheet HTML 15Page - NXP Semiconductors SSL4120T Datasheet HTML 16Page - NXP Semiconductors SSL4120T Datasheet HTML 17Page - NXP Semiconductors SSL4120T Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
14 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
In applications where the SSL4120T is supplied from a separate DC source (e.g. a
standby supply), the SSL4120T will not automatically stop switching if an error condition
causes the output voltage to fall. For this reason, the SSL4120T outputs are provided with
undervoltage protection (UVP output; see Section 7.9). A UVP output event will restart the
IC if VSNSOUT drops below Vuvp(SNSOUT) (typ. 2.3 V).
During start-up, the output voltage will be below Vuvp(SNSOUT) for a time. This should not
be considered an error condition provided it doesn’t last longer than expected. For this
reason, the protection timer is started as soon as VSNSOUT drops below Vuvp(SNSOUT). The
Restart state is activated if the UVP output event is still active once the protection time has
expired.
7.5.6 OverTemperature Protection (OTP)
Accurate internal overtemperature protection is provided in the SSL4120T. When the
junction temperature exceeds the overtemperature protection activation temperature, Totp
(typ. 150
°C), the IC will go to the Thermal hold state. The SSL4120T will exit the Thermal
hold state when the temperature falls again, to around 10
°C below Totp.
7.6 Burst mode operation (pin SNSOUT)
The HBC and PFC controllers can be operated in Burst mode. In Burst mode the
controllers will be on for a period, then off for a period. Burst mode operation increases
efficiency under low-load conditions.
A low-load condition can be detected using a simple external circuit that makes use of the
information from the feedback loop or from the average primary current. The detection
circuit can pull down pin SNSOUT to pause operation of the SSL4120T for a burst-off
time. Both controllers, or only the HBC controller, can be paused during the burst-off time:
• Burst-off level for HBC, Vburst(HBC) (typ. 1 V).
When VSNSOUT drops below Vburst(HBC), operation of the HBC controller will be
suspended. Both the high-side and the low-side power switches will be off. The PFC
continues to operate normally. When VSNSOUT rises above Vburst(HBC) again, the HBC
controller will resume normal operation, without executing a soft start sequence.
• Burst-off level for PFC, Vburst(PFC) (typ. 0.4 V).
When VSNSOUT drops below Vburst(PFC), operation of the PFC controller will also be
suspended (the HBC will have been paused already). When VSNSOUT rises above
Vburst(PFC) again, the PFC controller will resume normal operation via a PFC soft start
(see Section 7.7.6).
To ensure Burst mode is not activated before the output voltage becomes valid, a current
from the SNSOUT pin (typ. 100
μA) will hold VSNSOUT at Vpu(SNSOUT), which is above both
burst levels. The resistance between the SNSOUT pin and ground should therefore be
greater than 20 k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47