| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSL4120T bảng dữ liệu(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SSL4120T bảng dữ liệu(HTML) 30 Page - NXP Semiconductors |
|
30 / 47 page ![]() SSL4120T All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Objective data sheet Rev. 1 — 21 June 2012 30 of 47 NXP Semiconductors SSL4120T Resonant power supply control IC with PFC The protection timer is also started. The Restart state is activated when the OCR-HBC condition is still present after the protection time has elapsed. 7.8.10.3 Overcurrent protection, OCP-HBC Under normal operating conditions, OCR is able to ensure the current remains below the specified maximum values. In the event of certain error conditions, however, it might not be fast enough to limit the current. OCP is implemented to protect against those error conditions. The OCP level, Vocp(HBC) (typ. −1 V and +1 V), is higher than the OCR level Vocr(HBC). When the OCP level is reached, the frequency immediately jumps to the maximum value via the soft start reset, followed by a normal sweep down. 7.8.11 HBC capacitive mode regulation, CMR (pin HB) The MOSFETs in the half-bridge drive the resonant circuit. Depending on the output load, the output voltage, and the switching frequency this resonant circuit can have an inductive impedance or a capacitive impedance. Inductive impedance is preferred because it facilitates efficient zero-voltage switching. Harmful switching in Capacitive mode is prevented by the adaptive non-overlap time function (see Section 7.8.4.2). An extra action is performed which results in Capacitive Mode Regulation (CMR). CMR causes the half-bridge circuit to return to Inductive mode from Capacitive mode. Fig 18. Overcurrent regulation during start-up Iocr −Iocr ICur(HBC) Iss(hf)(SSHBC) Iss(If)(SSHBC) −Iss(If)(SSHBC) −Iss(hf)(SSHBC) ISSHBC/EN VSSHBC/EN Vfmin(SSHBC) Vss(hf-lf)(SSHBC) Vfmax(SSHBC) VOutput Vreg 0 0 0 t t t t Fast soft-start sweep (charge and discharge) Slow soft-start sweep (charge and discharge) 014aaa866 |