công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSL4120T bảng dữ liệu(PDF) 24 Page - NXP Semiconductors

tên linh kiện SSL4120T
Giải thích chi tiết về linh kiện  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T bảng dữ liệu(HTML) 24 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 20Page - NXP Semiconductors SSL4120T Datasheet HTML 21Page - NXP Semiconductors SSL4120T Datasheet HTML 22Page - NXP Semiconductors SSL4120T Datasheet HTML 23Page - NXP Semiconductors SSL4120T Datasheet HTML 24Page - NXP Semiconductors SSL4120T Datasheet HTML 25Page - NXP Semiconductors SSL4120T Datasheet HTML 26Page - NXP Semiconductors SSL4120T Datasheet HTML 27Page - NXP Semiconductors SSL4120T Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
24 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
The oscillator is controlled by the slope of the half-bridge. The oscillator charge current is
initially set to a low value Iosc(red) (typ. 30
μA). When the start of the half-bridge slope is
detected, the charge current is increased to its normal value. This feature is used in
combination with the adaptive non-overlap time function as described in Section 7.8.4.2
and Figure 11. Since the half-bridge slope normally starts directly after the MOSFET is
switched off, the length of time the oscillator current is low will be negligible under normal
operating conditions.
7.8.6 HBC feedback input (pin SNSFB)
In a typical power supply application, the output voltage is compared and amplified on the
secondary side. The output of the error amplifier is transferred to the primary side via an
opto-coupler. This opto-coupler can be connected directly to the SNSFB pin.
The SNSFB pin supplies the opto-coupler from an internal voltage source Vpu(SNSFB)
(typ. 8.4 V) with a series resistance RO(SNSFB). The series resistance allows spike filtering
via an external capacitor. To ensure sufficient bias current for the opto-coupler, the
feedback input has a threshold current Ifmin(SNSFB) (typ. 0.66 mA) at which the frequency is
at a minimum. The maximum frequency is reached at Ifmax(SNSFB) (typ 2.2 mA). The
maximum frequency that can be reached via the SNSFB pin is lower (typ. 60 %) than the
maximum frequency that can be reached via the SSHBC/EN pin. Figure 14 shows the
relationship between ISNSFB, VSNSFB and VRFMAX.
A: Cfmin =high, Rfmax =high
B: Cfmin =low, Rfmax =low
C: Cfmin = low, Rfmax = too low
Fig 13. Function of Rfmax and Cfmin
flimit(HB)
fmax(B)
Vfmax(fb)(RFMAX) Vfmax(ss)(RFMAX)
VRFMAX
A
B
C
fmax(A)
fmin(B and C)
fmin(A)
0
fHB
014aaa861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47