| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S bảng dữ liệu(PDF) 391 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S bảng dữ liệu(HTML) 391 Page - STMicroelectronics |
|
391 / 467 page ![]() DocID14587 Rev 14 391/467 RM0016 Controller area network (beCAN) 427 Figure 150. 16/8-bit filter bank configuration (FSCx bits = 0b01 in CAN_FCRx register) Figure 151. 8-bit filter bank configuration (FSCx bits = 0b00 in CAN_FCRx register) Filter registers Filter mode1 Mapping STID[10:3] / EXID[28:21] STID [2:0] / EXID [20:18] EXID [17:15] FMHx = 0 FMLx = 0 FMHx = 0 FMLx = 1 FMHx = 1 FMLx = 0 FMHx = 1 FMLx = 1 Identifier CAN_FxR1 CAN_FxR2 ID n ID nID n ID n Identifier/Mask CAN_FxR3 CAN_FxR4 M ID n+1 M ID n+1 Identifier CAN_FxR5 ID n+1 ID n+2 ID n+1 ID n+2 Identifier/Mask CAN_FxR6 M M ID n+2 ID n+3 Identifier CAN_FxR7 ID n+2 ID n+3 ID n+3 ID n+4 Identifier/Mask CAN_FxR8 M M ID n+4 ID n+5 ID= Identifier M = Mask n = Filter number x = Filter bank number 1 The FMHx and FMLx bits are located in the CAN_FMR1 and CAN_FMR2 registers Filter registers Filter mode1 Mapping STID[10:3] / EXID[28:21] FMHx = 0 FMLx = 0 FMHx = 0 FMLx = 1 FMHx = 1 FMLx = 0 FMHx = 1 FMLx = 1 Identifier CAN_FxR1 ID n ID nID n ID n Identifier/Mask CAN_FxR2 M ID n+1 M ID n+1 Identifier CAN_FxR3 ID n+1 ID n+2 ID n+1 ID n+2 Identifier/Mask CAN_FxR4 M ID n+3 M ID n+3 Identifier CAN_FxR5 ID n+2 ID n+4 ID n+2 ID n+4 Identifier/Mask CAN_FxR6 M M ID n+3 ID n+5 Identifier CAN_FxR7 ID n+3 ID n+5 ID n+4 ID n+6 Identifier/Mask CAN_FxR8 M M ID n+5 ID n+7 ID= Identifier M = Mask n = Filter number x = Filter bank number 1 The FMHx and FMLx bits are located in the CAN_FMR1 and CAN_FMR2 registers |